Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF351 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LF351
Description  LF351 Wide Bandwidth JFET Input Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF351 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LF351 Datasheet HTML 2Page - National Semiconductor (TI) LF351 Datasheet HTML 3Page - National Semiconductor (TI) LF351 Datasheet HTML 4Page - National Semiconductor (TI) LF351 Datasheet HTML 5Page - National Semiconductor (TI) LF351 Datasheet HTML 6Page - National Semiconductor (TI) LF351 Datasheet HTML 7Page - National Semiconductor (TI) LF351 Datasheet HTML 8Page - National Semiconductor (TI) LF351 Datasheet HTML 9Page - National Semiconductor (TI) LF351 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Pulse Response
Small Signal Inverting
TLH5648 – 4
Small Signal Non-Inverting
TLH5648 – 5
Large Signal Inverting
TLH5648 – 6
Large Signal Non-Inverting
TLH5648 – 7
Current Limit (RLe100X)
TLH5648 – 8
Application Hints
The LF351 is an op amp with an internally trimmed input
offset voltage and JFET input devices (BI-FET IITM) These
JFETs have large reverse breakdown voltages from gate to
source and drain eliminating the need for clamps across the
inputs Therefore large differential input voltages can easily
be accommodated without a large increase in input current
The maximum differential input voltage is independent of
the supply voltages However neither of the input voltages
should be allowed to exceed the negative supply as this will
cause large currents to flow which can result in a destroyed
unit
Exceeding the negative common-mode limit on either input
will force the output to a high state potentially causing a
reversal of phase to the output
Exceeding the negative common-mode limit on both inputs
will force the amplifier output to a high state In neither case
does a latch occur since raising the input back within the
6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com