Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM6161 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM6161
Description  High Speed Operational Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6161 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM6161 Datasheet HTML 1Page - National Semiconductor (TI) LM6161 Datasheet HTML 2Page - National Semiconductor (TI) LM6161 Datasheet HTML 3Page - National Semiconductor (TI) LM6161 Datasheet HTML 4Page - National Semiconductor (TI) LM6161 Datasheet HTML 5Page - National Semiconductor (TI) LM6161 Datasheet HTML 6Page - National Semiconductor (TI) LM6161 Datasheet HTML 7Page - National Semiconductor (TI) LM6161 Datasheet HTML 8Page - National Semiconductor (TI) LM6161 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Absolute Maximum Ratings (Note 12)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
+ −V−)
36V
Differential Input Voltage
(Note 8)
±8V
Common-Mode Voltage Range
(Note 10)
(V
+ − 0.7V) to (V− + 0.7V)
Output Short Circuit to GND
(Note 1)
Continuous
Soldering Information
Dual-In-Line Package (N, J)
Soldering (10 sec.)
260˚C
Small Outline Package (M)
Vapor Phase (60 sec.)
Infrared (15 sec.)
215˚C
220˚C
See AN-450 “Surface Mounting Methods and Their Effect
on Product Reliability” for other methods of soldering
surface mount devices.
Storage Temp Range
−65˚C to +150˚C
Max Junction Temperature
150˚C
ESD Tolerance (Notes 6, 7)
±700V
Operating Ratings (Note 12)
Temperature Range (Note 2)
LM6161
−55˚C
≤ T
J ≤ +125˚C
LM6261
−25˚C
≤ T
J ≤ +85˚C
LM6361
0˚C
≤ T
J ≤ +70˚C
Supply Voltage Range
4.75V to 32V
DC Electrical Characteristics
The following specifications apply for Supply Voltage = ±15V, V
CM = 0, RL ≥ 100 kΩ and RS = 50Ω unless otherwise noted.
Boldface limits apply for T
J = TMIN to TMAX; all other limits TJ = 25˚C.
Symbol
Parameter
Conditions
Typ
LM6161
LM6261
LM6361
Units
Limit
Limit
Limit
(Notes 3, 11)
(Note 3)
(Note 3)
V
OS
Input Offset Voltage
5
7
7
20
mV
10
9
22
Max
V
OS
Input Offset Voltage
10
µV/˚C
Drift
Average Drift
I
b
Input Bias Current
2
3
3
5
µA
65
6
Max
I
OS
Input Offset Current
150
350
350
1500
nA
800
600
1900
Max
I
OS
Input Offset Current
0.4
nA/˚C
Drift
Average Drift
R
IN
Input Resistance
Differential
325
k
Ω
C
IN
Input Capacitance
A
V = +1 @ 10 MHz
1.5
pF
A
VOL
Large Signal
V
OUT = ±10V,
750
550
550
400
V/V
Voltage Gain
R
L = 2kΩ (Note 9)
300
400
350
Min
R
L = 10 kΩ (Note 9)
2900
V/V
V
CM
Input Common-Mode
Supply = ±15V
+14.0
+13.9
+13.9
+13.8
Volts
Voltage Range
+13.8
+13.8
+13.7
Min
−13.2
−12.9
−12.9
−12.8
Volts
−12.7
−12.7
−12.7
Min
Supply = +5V
4.0
3.9
3.9
3.8
Volts
(Note 4)
3.8
3.8
3.7
Min
1.8
2.0
2.0
2.1
Volts
2.2
2.2
2.2
Max
CMRR
Common-Mode
−10V
≤ V
CM ≤ +10V
94
80
80
72
dB
Rejection Ratio
74
76
70
Min
PSRR
Power Supply
±10V
≤ V± ≤ ±16V
90
80
80
72
dB
Rejection Ratio
74
76
70
Min
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com