Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8226 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8226
Description  Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8226 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8226_16 Datasheet HTML 3Page - Analog Devices AD8226_16 Datasheet HTML 4Page - Analog Devices AD8226_16 Datasheet HTML 5Page - Analog Devices AD8226_16 Datasheet HTML 6Page - Analog Devices AD8226_16 Datasheet HTML 7Page - Analog Devices AD8226_16 Datasheet HTML 8Page - Analog Devices AD8226_16 Datasheet HTML 9Page - Analog Devices AD8226_16 Datasheet HTML 10Page - Analog Devices AD8226_16 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
AD8226
Data Sheet
Rev. C | Page 6 of 28
ARZ, ARMZ
BRZ, BRMZ
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
Settling Time 0.01%
2 V step
G = 1
6
6
µs
G = 10
6
6
µs
G = 100
35
35
µs
G = 1000
350
350
µs
Slew Rate
G = 1
0.4
0.4
V/µs
G = 5 to 100
0.6
0.6
V/µs
GAIN
G = 1 + (49.4 kΩ/RG)
Gain Range
1
1000
1
1000
V/V
Gain Error
G = 1
VOUT = 0.8 V to 1.8 V
0.04
0.01%
%
G = 5 to 1000
VOUT = 0.2 V to 2.5 V
0.3
0.1%
%
Gain vs. Temperature2
G = 1
TA = −40°C to +85°C
5
1
ppm/°C
TA = +85°C to +125°C
5
2
ppm/°C
G > 1
TA = −40°C to +125°C
−100
−100
ppm/°C
INPUT
−VS = 0 V, +VS = 2.7 V to 36 V
Input Impedance
Differential
0.8||2
0.8||2
GΩ||pF
Common Mode
0.4||2
0.4||2
GΩ||pF
Input Operating Voltage Range3
TA = +25°C
−0.1
+VS − 0.7
−0.1
+VS − 0.7
V
TA = −40°C
−0.15
+VS − 0.9
−0.15
+VS − 0.9
V
TA = +125°C
−0.05
+VS − 0.6
−0.05
+VS − 0.6
V
Input Overvoltage Range
TA = −40°C to +125°C
+VS − 40
−VS + 40
+VS − 40
−VS + 40
OUTPUT
Output Swing
RL = 10 kΩ to 1.35 V,
TA = −40°C to +125°C
0.1
+VS − 0.1
0.1
+VS − 0.1
V
Short-Circuit Current
13
13
mA
POWER SUPPLY
Operating Range
Single-supply operation
2.2
36
2.2
36
V
Quiescent Current
TA = +25°C, −VS = 0 V, +VS = 2.7 V
325
400
325
400
µA
TA = −40°C, −VS = 0 V, +VS = 2.7 V
250
325
250
325
µA
TA = +85°C, −VS = 0 V, +VS = 2.7 V
425
500
425
500
µA
TA = +125°C, −VS = 0 V, +VS = 2.7 V
475
550
475
550
µA
TEMPERATURE RANGE
−40
+125
−40
+125
°C
1 Input stage uses pnp transistors; therefore, input bias current always flows out of the part.
2 The values specified for G > 1 do not include the effects of the external gain-setting resistor, R
G.
3 Input voltage range of the AD8226 input stage. The input range depends on the common-mode voltage, the differential voltage, the gain, and the reference voltage.
See the Input Voltage Range section for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com