Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8421ARZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8421ARZ-R7
Description  3 nV/?숰z, Low Power Instrumentation Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8421ARZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8421ARZ-R7 Datasheet HTML 4Page - Analog Devices AD8421ARZ-R7 Datasheet HTML 5Page - Analog Devices AD8421ARZ-R7 Datasheet HTML 6Page - Analog Devices AD8421ARZ-R7 Datasheet HTML 7Page - Analog Devices AD8421ARZ-R7 Datasheet HTML 8Page - Analog Devices AD8421ARZ-R7 Datasheet HTML 9Page - Analog Devices AD8421ARZ-R7 Datasheet HTML 10Page - Analog Devices AD8421ARZ-R7 Datasheet HTML 11Page - Analog Devices AD8421ARZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Data Sheet
AD8421
Rev. 0 | Page 7 of 28
ARM Grade
BRM Grade
Parameter
Test Conditions/
Comments
Min
Typ
Max
Min
Typ
Max
Unit
OUTPUT
RL = 2 kΩ
Output Swing
VS = ±2.5 V to ±18 V
−VS + 1.2
+VS − 1.6
−VS + 1.2
+Vs − 1.6
V
Over Temperature
TA = −40°C to +85°C
−VS + 1.2
+VS − 1.6
−VS + 1.2
+Vs − 1.6
V
Short-Circuit Current
65
65
mA
REFERENCE INPUT
RIN
20
20
IIN
VIN+, VIN− = 0 V
20
24
20
24
μA
Voltage Range
−VS
+VS
−VS
+VS
V
Reference Gain to Output
1 ±
0.0001
1 ±
0.0001
V/V
POWER SUPPLY
Operating Range
Dual supply
±2.5
±18
±2.5
±18
V
Single supply
5
36
5
36
V
Quiescent Current
2
2.3
2
2.3
mA
Over Temperature
TA = −40°C to +85°C
2.6
2.6
mA
TEMPERATURE RANGE
For Specified Performance
−40
+85
−40
+85
°C
Operational5
−40
+125
−40
+125
°C
1 Total voltage noise = √(eni2 + (eno/G)2 + eRG2). See the Th
section for more information.
eory of Operation
2 Total RTI VOS = (VOSI) + (VOSO/G).
3 These specifications do not include the tolerance of the external gain setting resistor, RG. For G > 1, add RG errors to the specifications given in this table.
4 Input voltage range of the AD8421 input stage only. The input range can depend on the common-mode voltage, differential voltage, gain, and reference voltage.
See the
section for more information.
Input Voltage Range
5 See the
section for expected operation between 85°C and 125°C.
Typical Performance Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com