Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8421ARMZ Datasheet(PDF) 17 Page - Analog Devices

Part # AD8421ARMZ
Description  3 nV/?숰z, Low Power Instrumentation Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8421ARMZ Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8421ARMZ Datasheet HTML 13Page - Analog Devices AD8421ARMZ Datasheet HTML 14Page - Analog Devices AD8421ARMZ Datasheet HTML 15Page - Analog Devices AD8421ARMZ Datasheet HTML 16Page - Analog Devices AD8421ARMZ Datasheet HTML 17Page - Analog Devices AD8421ARMZ Datasheet HTML 18Page - Analog Devices AD8421ARMZ Datasheet HTML 19Page - Analog Devices AD8421ARMZ Datasheet HTML 20Page - Analog Devices AD8421ARMZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
AD8421
Data Sheet
Rev. 0 | Page 16 of 28
100
80
60
–100
–80
–60
–40
–20
0
20
40
–5
–4
–3
–2
–1
01234
5
OUTPUT VOLTAGE (V)
GAIN = 1000
RL = 600Ω
Figure 40. Gain Nonlinearity (G = 1000), RL = 600 Ω, VOUT = ±5 V
1
100
10
1k
1
10
100
1k
10k
100k
FREQUENCY (Hz)
GAIN = 1
GAIN = 10
GAIN = 100
GAIN = 1000
Figure 41. RTI Voltage Noise Spectral Density vs. Frequency
1s/DIV
G = 1000, 40nV/DIV
G = 1, 1µV/DIV
Figure 42. 0.1 Hz to 10 Hz RTI Voltage Noise (G = 1, G = 1000)
10k
1k
100
10
0.1
1
10
100
1k
10k
100k
FREQUENCY (Hz)
Figure 43. Current Noise Spectral Density vs. Frequency
1s/DIV
5pA/DIV
Figure 44. 0.1 Hz to 10 Hz Current Noise
30
25
0
5
10
15
20
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
Figure 45. Large Signal Frequency Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com