Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4927-2YCPZ-R2 Datasheet(PDF) 2 Page - Analog Devices

Part # ADA4927-2YCPZ-R2
Description  Ultralow Distortion Current Feedback Differential ADC Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4927-2YCPZ-R2 Datasheet(HTML) 2 Page - Analog Devices

  ADA4927-2YCPZ-R2 Datasheet HTML 1Page - Analog Devices ADA4927-2YCPZ-R2 Datasheet HTML 2Page - Analog Devices ADA4927-2YCPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4927-2YCPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4927-2YCPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4927-2YCPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4927-2YCPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4927-2YCPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4927-2YCPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
ADA4927-1/ADA4927-2
Data Sheet
Rev. B | Page 2 of 25
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Functional Block Diagrams............................................................. 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
±5 V Operation............................................................................. 3
+5 V Operation............................................................................. 5
Absolute Maximum Ratings............................................................ 7
Thermal Resistance ...................................................................... 7
Maximum Power Dissipation ..................................................... 7
ESD Caution.................................................................................. 7
Pin Configurations and Function Descriptions ........................... 8
Typical Performance Characteristics ............................................. 8
Test Circuits..................................................................................... 16
Theory of Operation ...................................................................... 17
Definition of Terms.................................................................... 17
Applications Information .............................................................. 18
Analyzing an Application Circuit ............................................ 18
Setting the Closed-Loop Gain .................................................. 18
Estimating the Output Noise Voltage...................................... 18
Impact of Mismatches in the Feedback Networks................. 19
Calculating the Input Impedance for an Application Circuit
....................................................................................................... 19
Input Common-Mode Voltage Range..................................... 21
Input and Output Capacitive AC Coupling............................ 21
Setting the Output Common-Mode Voltage.......................... 21
Power-Down ............................................................................... 22
Layout, Grounding, and Bypassing.............................................. 23
High Performance ADC Driving ................................................. 24
Outline Dimensions....................................................................... 25
Ordering Guide .......................................................................... 25
REVISION HISTORY
5/2016—Rev. A to Rev. 0
Changes to Figure 1 and Figure 2................................................... 1
Changes to Figure 5.......................................................................... 8
Changes to Figure 6.......................................................................... 9
Updated Outline Dimensions....................................................... 25
Changes to Ordering Guide .......................................................... 25
8/2009—Rev. 0 to Rev. A
Changes to Ordering Guide .......................................................... 24
10/2008—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com