Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1375 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1375
Description  2-Wire Digital Input RTC with Alarm
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1375 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1375 Datasheet HTML 1Page - Dallas Semiconductor DS1375 Datasheet HTML 2Page - Dallas Semiconductor DS1375 Datasheet HTML 3Page - Dallas Semiconductor DS1375 Datasheet HTML 4Page - Dallas Semiconductor DS1375 Datasheet HTML 5Page - Dallas Semiconductor DS1375 Datasheet HTML 6Page - Dallas Semiconductor DS1375 Datasheet HTML 7Page - Dallas Semiconductor DS1375 Datasheet HTML 8Page - Dallas Semiconductor DS1375 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2-Wire Digital Input RTC with Alarm
2
_____________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED DC OPERATING CONDITIONS
(VCC = +1.7V to +5.5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VCC = 3.3V, TA = +25°C, unless other-
wise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1:
Limits at -40°C are guaranteed by design and not production tested.
Note 2:
All voltages are referenced to ground.
Note 3:
For the CLK pin, input voltages above VCC + 0.3V cause current to flow into the device. The input current must not
exceed the current drawn by the circuit that is connected to VCC. Otherwise, current flows out of the DS1375, raising the
voltage level on the VCC bus.
Note 4:
VIL MIN on the CLK pin can exceed -0.3V as long as the current is limited to less than 1mA.
Note 5:
ICCA—SCL clocking at max frequency = 400kHz.
Note 6:
CLK pin running at 32,768Hz, rise and fall times at 10ns or less.
Note 7:
Specified with 2-wire bus inactive.
Voltage Range on VCC Pin
Relative to Ground.............................................-0.3V to +6.0V
Voltage Range on SDA, SCL, and WDS
Relative to Ground ....................................-0.3V to VCC + 0.3V
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-55°C to +125°C
Soldering Temperature .......................................See IPC/JEDEC
J-STD-020A Specification
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
(Note 2)
1.7
3.3
5.5
V
Timekeeping Voltage
VTK
(Note 2)
1.3
5.5
V
Input Logic 1 (SDA, SCL)
VIH
(Note 2)
0.7 x VCC
VCC + 0.3
V
Supply Voltage, Pullup
(SQW/
INT, CLK)
VPULLUP
(Notes 2, 3)
5.5
V
Input Logic 0
VIL
(Notes 2, 4)
-0.3
+0.3
VCC
V
Input Leakage (SCL, CLK)
ILI
-1
+1
µA
I/O Leakage (SDA, SQW/
INT)ILO
-1
+1
µA
VCC > 2V; VOL = 0.4V
SDA Logic 0 Output
IOLSDA
VCC < 2V; VOL = 0.2 x VCC
3.0
mA
VCC > 2V; VOL = 0.4V
1.7V < VCC < 2V; VOL = 0.2 x VCC
3.0
mA
SQW/
INT Logic 0 Output
IOLSQW
1.3V < VCC < 1.7V; VOL = 0.2 x VCC
250
µA
Active Supply Current
ICCA
(Notes 5, 6)
33
150
µA
Standby Current
ICCS
(Notes 6, 7)
150
500
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com