Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC1040LP3CE Datasheet(PDF) 5 Page - Analog Devices

Part # HMC1040LP3CE
Description  Industrial Sensors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1040LP3CE Datasheet(HTML) 5 Page - Analog Devices

  HMC1040LP3CE Datasheet HTML 1Page - Analog Devices HMC1040LP3CE Datasheet HTML 2Page - Analog Devices HMC1040LP3CE Datasheet HTML 3Page - Analog Devices HMC1040LP3CE Datasheet HTML 4Page - Analog Devices HMC1040LP3CE Datasheet HTML 5Page - Analog Devices HMC1040LP3CE Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
5
HMC1040LP3CE
v00.0112
GaAs pHEMT MMIC LOW NOISE
AMPLIFIER, 24 - 43.5 GHz
Pin Descriptions
Capacitor
Value
C1 - C3
100 pf
C4 - C6
10 nf
C7 - C9
4.7 µf
Pin Number
function
Description
interface schematic
1, 2, 4,
9, 11, 12
GND
These pins and package bottom must
be connected to RF/DC ground.
3
rfiN
This pin AC coupled
and matched to 50 ohms
5-8, 14
N/C
The pins are not connected internally; however, all data
shown herein was measured with these pins connected to rf/
DC ground externally.
10
rfoUT
This pin AC coupled
and matched to 50 ohms
13, 15, 16
Vdd3, Vdd2, Vdd1
Drain bias voltages for the amplifier. See Application Circuit
for required external componnets.
Application Circuit
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com