Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMN005 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PSMN005
Description  N-channel logic level TrenchMOS(TM) transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN005 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PSMN005 Datasheet HTML 2Page - NXP Semiconductors PSMN005 Datasheet HTML 3Page - NXP Semiconductors PSMN005 Datasheet HTML 4Page - NXP Semiconductors PSMN005 Datasheet HTML 5Page - NXP Semiconductors PSMN005 Datasheet HTML 6Page - NXP Semiconductors PSMN005 Datasheet HTML 7Page - NXP Semiconductors PSMN005 Datasheet HTML 8Page - NXP Semiconductors PSMN005 Datasheet HTML 9Page - NXP Semiconductors PSMN005 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
October 1999
6
Rev 1.200
Philips Semiconductors
Product specification
PSMN005-55B;
PSMN005-55P
N-channel logic level TrenchMOS(TM) transistor
Fig.7. Typical transfer characteristics.
I
D = f(VGS)
Fig.8. Typical transconductance, T
j = 25 ˚C.
g
fs = f(ID)
Fig.9. Normalised drain-source on-state resistance.
R
DS(ON)/RDS(ON)25 ˚C = f(Tj)
Fig.10. Gate threshold voltage.
V
GS(TO) = f(Tj); conditions: ID = 1 mA; VDS = VGS
Fig.11. Sub-threshold drain current.
I
D = f(VGS); conditions: Tj = 25 ˚C; VDS = VGS
Fig.12. Typical capacitances, C
iss, Coss, Crss.
C = f(V
DS); conditions: VGS = 0 V; f = 1 MHz
0
0.5
1
1.5
2
2.5
3
3.5
0
20
40
60
80
100
ID/A
VGS/V
Tj =
175
25
Threshold Voltage, VGS(TO) (V)
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
-60
-40
-20
0
20
40
60
80
100 120 140 160 180
Junction Temperature, Tj (C)
typical
maximum
minimum
0
204060
80
100
0
50
100
150
gfs/S
ID/A
Drain current, ID (A)
1.0E-06
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
0
0.5
1
1.5
2
2.5
3
Gate-source voltage, VGS (V)
minimum
typical
maximum
Normalised On-state Resistance
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
-60
-40
-20
0
20
40
60
80
100 120 140 160 180
Junction temperature, Tj (C)
100
1000
10000
100000
0.1
1
10
100
Drain-Source Voltage, VDS (V)
Capacitances, Ciss, Coss, Crss (pF)
Ciss
Coss
Crss



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com