Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC10LF320 Datasheet(PDF) 1 Page - Microchip Technology

Part # PIC10LF320
Description  6/8-Pin Flash-Based, 8-Bit Microcontrollers
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10LF320 Datasheet(HTML) 1 Page - Microchip Technology

  PIC10LF320 Datasheet HTML 1Page - Microchip Technology PIC10LF320 Datasheet HTML 2Page - Microchip Technology PIC10LF320 Datasheet HTML 3Page - Microchip Technology PIC10LF320 Datasheet HTML 4Page - Microchip Technology PIC10LF320 Datasheet HTML 5Page - Microchip Technology PIC10LF320 Datasheet HTML 6Page - Microchip Technology PIC10LF320 Datasheet HTML 7Page - Microchip Technology PIC10LF320 Datasheet HTML 8Page - Microchip Technology PIC10LF320 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 193 page
background image
 2011-2015 Microchip Technology Inc.
DS40001585D-page 1
PIC10(L)F320/322
High-Performance RISC CPU
• Only 35 Instructions to Learn:
- All single-cycle instructions, except branches
• Operating Speed:
- DC – 16 MHz clock input
- DC – 250 ns instruction cycle
• Eight-level Deep Hardware Stack
• Interrupt Capability
• Processor Self-Write/Read access to Program
Memory
• Pinout Compatible to other 6-Pin PIC10FXXX
Microcontrollers
Memory
• Up to 512 Words of Flash Program Memory
• 64 Bytes Data Memory
• High-Endurance Flash Data Memory (HEF)
- 128B of nonvolatile data storage
- 100K erase/write cycles
Special Microcontroller Features
• Low-Power 16 MHz Internal Oscillator:
- Software selectable frequency range from
16 MHz to 31 kHz
- Factory calibrated to
 1%, typical
• Wide Operating Range:
- 1.8V to 3.6V (PIC10LF320/322)
- 2.3V to 5.5V (PIC10F320/322)
• Power-On Reset (POR)
• Power-up Timer (PWRT)
• Brown-Out Reset (BOR)
• Ultra Low-Power Sleep Regulator
• Extended Watchdog Timer (WDT)
• Programmable Code Protection
• Power-Saving Sleep mode
• Selectable Oscillator Options (EC mode or
Internal Oscillator)
• In-Circuit Serial Programming™ (ICSP™) (via
Two Pins)
• In-Circuit Debugger Support
• Fixed Voltage Reference (FVR) with 1.024V,
2.048V and 4.096V (‘F’ variant only) Output
Levels
• Integrated Temperature Indicator
• 40-year Flash Data Retention
eXtreme Low-Power (XLP) Features
(PIC10LF320/322)
• Sleep Current:
- 20 nA @ 1.8V, typical
• Operating Current:
-25
A @ 1 MHz, 1.8V, typical
• Watchdog Timer Current:
- 500 nA @ 1.8V, typical
Peripheral Features
•Four I/O Pins:
- One input-only pin
- High current sink/source for LED drivers
- Individually selectable weak pull-ups
- Interrupt-on-Change
• Timer0: 8-Bit Timer/Counter with 8-Bit
Programmable Prescaler
• Timer2: 8-Bit Timer/Counter with 8-Bit Period
Register, Prescaler and Postscaler
• Two PWM modules:
- 10-bit PWM, max. frequency 16 kHz
- Combined to single 2-phase output
• A/D Converter:
- 8-bit resolution with 3 channels
• Configurable Logic Cell (CLC):
- 8 selectable input source signals
- Two inputs per module
- Software selectable logic functions including:
AND/OR/XOR/D Flop/D Latch/SR/JK
- External or internal inputs/outputs
- Operation while in Sleep
• Numerically Controlled Oscillator (NCO):
- 20-bit accumulator
- 16-bit increment
- Linear frequency control
- High-speed clock input
- Selectable Output modes
- Fixed Duty Cycle (FDC)
- Pulse Frequency (PF) mode
• Complementary Waveform Generator (CWG):
- Selectable falling and rising edge dead-band
control
- Polarity control
- Two auto-shutdown sources
- Multiple input sources: PWM, CLC, NCO
6/8-Pin Flash-Based, 8-Bit Microcontrollers


Similar Part No. - PIC10LF320

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC10LF320 MICROCHIP-PIC10LF320 Datasheet
1Mb / 210P
6/8-Pin, High-Performance, Flash Microcontrollers
2011
PIC10LF320T-EMCQTP MICROCHIP-PIC10LF320T-EMCQTP Datasheet
1Mb / 210P
6/8-Pin, High-Performance, Flash Microcontrollers
05/02/11
PIC10LF320T-EMCSQTP MICROCHIP-PIC10LF320T-EMCSQTP Datasheet
1Mb / 210P
6/8-Pin, High-Performance, Flash Microcontrollers
05/02/11
PIC10LF320T-EOTQTP MICROCHIP-PIC10LF320T-EOTQTP Datasheet
1Mb / 210P
6/8-Pin, High-Performance, Flash Microcontrollers
05/02/11
PIC10LF320T-EOTSQTP MICROCHIP-PIC10LF320T-EOTSQTP Datasheet
1Mb / 210P
6/8-Pin, High-Performance, Flash Microcontrollers
05/02/11
More results

Similar Description - PIC10LF320

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC10F200 MICROCHIP-PIC10F200 Datasheet
1Mb / 86P
6-Pin, 8-Bit Flash Microcontrollers
2005
PIC10F220 MICROCHIP-PIC10F220 Datasheet
1Mb / 78P
6-Pin, 8-Bit Flash Microcontrollers
2006
PIC12F609 MICROCHIP-PIC12F609 Datasheet
2Mb / 168P
8-Pin Flash-Based, 8-Bit CMOS Microcontrollers
2006
PIC12F609 MICROCHIP-PIC12F609_10 Datasheet
1Mb / 212P
8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
2010
PIC12F629 MICROCHIP-PIC12F629 Datasheet
1Mb / 136P
8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
2010
PIC12F752 MICROCHIP-PIC12F752 Datasheet
1Mb / 204P
8-Pin Flash-Based 8-Bit CMOS Microcontrollers
2011
PIC12F752-I-SN MICROCHIP-PIC12F752-I-SN Datasheet
2Mb / 210P
8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
08/02/11
PIC12F675I-SN MICROCHIP-PIC12F675I-SN Datasheet
1Mb / 136P
8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
01/05/10
PIC12F675-E MICROCHIP-PIC12F675-E Datasheet
1Mb / 136P
8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
01/05/10
PIC10F200 MICROCHIP-PIC10F200_14 Datasheet
998Kb / 88P
6-Pin, 8-Bit Flash Microcontrollers
03/25/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com