Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML6652 Datasheet(PDF) 13 Page - Micro Linear Corporation

Part # ML6652
Description  10/100Mbps Ethernet Fiber and Copper Media Converter with Auto Negotiation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6652 Datasheet(HTML) 13 Page - Micro Linear Corporation

Back Button ML6652 Datasheet HTML 9Page - Micro Linear Corporation ML6652 Datasheet HTML 10Page - Micro Linear Corporation ML6652 Datasheet HTML 11Page - Micro Linear Corporation ML6652 Datasheet HTML 12Page - Micro Linear Corporation ML6652 Datasheet HTML 13Page - Micro Linear Corporation ML6652 Datasheet HTML 14Page - Micro Linear Corporation ML6652 Datasheet HTML 15Page - Micro Linear Corporation ML6652 Datasheet HTML 16Page - Micro Linear Corporation ML6652 Datasheet HTML 17Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
ML6652
13
January 2002
Preliminary Datasheet
GENERAL DESCRIPTION
The ML6652 Fast Ethernet Media Converter provides
signal conversion between the following standards:
• 10BASE-T to 10BASE-FL; (10Mbps twisted pair copper
media and 10Mbps 850nm fiber media)
• Proprietary 10BASE-T to 10BASE-1300nm Fiber;
(10Mbps twisted pair copper media and 10Mbps
1300nm fiber media).
• 100BASE-TX to 100BASE-SX/FX (100Mbps twisted pair
copper media and 1300nm or 850nm fiber media).
• 100BASE-FX to 100BASE-SX (100Mbps 850nm fiber
media and 100Mbps 1300nm fiber media).
The ML6652 supports conversion between Twisted Pair
Side, Fast Link Pulses (FLP) and Fiber Side, Fiber Link
Negotiation Pulses (FLNP). It supports ISO/IEC 8802.3,
IEEE 802.3, and TIA/EIA-785 including Auto-Negotiation
on both twisted pair and fiber optics.
The ML6652 data interfaces can all be configured in a
number of ways. The twisted pair inputs and outputs can
be configured in Twisted Pair Mode to interface with a 1:1
transformer for transmit and receive or in PECL/LVPECL
Mode to interface a PMD module. The fiber optic inputs
and outputs can be configured in Quantizer/Fiber Optic
Mode with an LED driver or in PECL/LVPECL Mode. LED
status outputs identify internal operational status.
The ML6652 operating modes are configurable through
control input pins (at power up) or through management
control registers that are programmable through an
interface protocol compatible with MII Serial
Management Interface as defined in IEEE 802.3-1998
standards.
CONFIGURABLE MODES
Operating Modes (Forced, Transparent And Non-
transparent)
1) FORCED 10Mbps only mode,
2) FORCED 100Mbps only mode,
3) NON-TRANSPARENT Half Duplex only, with Auto-
Negotiation
4) NON-TRANSPARENT Full and Half Duplex with Auto-
Negotiation
5) TRANSPARENT 10/100Mbps with Auto-Negotiation
6) NON-TRANSPARENT Special case
Interface Modes
1) Twisted pair interface
a)
Twisted Pair (Transformer input) Mode or
b)
PECL/LVPECL Mode
b) Fiber Optic Interface
i)
Quantizer/Fiber Optic LED Driver Mode or
ii) PECL/LVPECL Mode
Special Modes
1) Power Down Mode
a)
Configurable through:
(i) Control pin 24 or
(ii) Management control register
2) Loopback Test Modes
a)
For the fiber optic interface or
b)
The twisted pair interface
c)
Both are configurable through the Management
control register and include bypassing clock and
data recovery blocks.
3) Transmitter Output Off Mode:
a)
Twisted Pair or
b)
Fiber Optic
c)
Both are configurable through the Management
control registers or control pins TPOUTOFF# (pin
13) and FOOUTOFF# (pin 14).
4) Backup Link Mode
a)
Configurable through Management control
register or via BCKPLINK (Pin 40).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com