Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM614CWM Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM614CWM
Description  Quad Operational Amplifier and Adjustable Reference
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM614CWM Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM614CWM Datasheet HTML 9Page - National Semiconductor (TI) LM614CWM Datasheet HTML 10Page - National Semiconductor (TI) LM614CWM Datasheet HTML 11Page - National Semiconductor (TI) LM614CWM Datasheet HTML 12Page - National Semiconductor (TI) LM614CWM Datasheet HTML 13Page - National Semiconductor (TI) LM614CWM Datasheet HTML 14Page - National Semiconductor (TI) LM614CWM Datasheet HTML 15Page - National Semiconductor (TI) LM614CWM Datasheet HTML 16Page - National Semiconductor (TI) LM614CWM Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Application Information (Continued)
2.
Cross-over Distortion: The LM614 has lower cross-over
distortion (a 1 V
BE deadband versus 3 VBE for the
LM124), and increased slew rate as shown in the char-
acteristic curves. A resistor pull-up or pull-down will force
class-A operation with only the PNP or NPN output tran-
sistor conducting, eliminating cross-over distortion
3.
Capacitive Drive: Limited by the output pole caused by
the output resistance driving capacitive loads, a
pull-down resistor conducting 1 mA or more reduces the
output stage NPN r
e until the output resistance is that of
the current limit 25
Ω. 200 pF may then be driven without
oscillation.
Op Amp Input Stage
The lateral PNP input transistors, unlike most op amps, have
BV
EBO equal to the absolute maximum supply voltage. Also,
they have no diode clamps to the positive supply nor across
the inputs. These features make the inputs look like high im-
pedances to input sources producing large differential and
common-mode voltages.
Typical Applications
DS009326-42
FIGURE 12. Simple Low Quiescent Drain Voltage
Regulator. Total supply current approximately 320 µA,
when V
IN = +5V.
DS009326-43
*10k must be low
t.c. trimpot.
FIGURE 13. Ultra Low Noise 10.00V Reference. Total
output noise is typically 14 µV
RMS.
DS009326-44
VOUT = (R1 /Pe+1)VREF
R1,R2 should be 1% metal film
Pβ should be low T.C. trim pot
FIGURE 14. Slow Rise Time Upon Power-Up,
Adjustable Transducer Bridge Driver.
Rise time is approximately 1 ms.
DS009326-46
FIGURE 15. Low Drop-Out Voltage Regulator Circuit,
drop-out voltage is typically 0.2V.
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com