Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM6171 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM6171
Description  High Speed Low Power Low Distortion Voltage Feedback Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6171 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM6171 Datasheet HTML 1Page - National Semiconductor (TI) LM6171 Datasheet HTML 2Page - National Semiconductor (TI) LM6171 Datasheet HTML 3Page - National Semiconductor (TI) LM6171 Datasheet HTML 4Page - National Semiconductor (TI) LM6171 Datasheet HTML 5Page - National Semiconductor (TI) LM6171 Datasheet HTML 6Page - National Semiconductor (TI) LM6171 Datasheet HTML 7Page - National Semiconductor (TI) LM6171 Datasheet HTML 8Page - National Semiconductor (TI) LM6171 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LM6171
High Speed Low Power Low Distortion Voltage Feedback
Amplifier
General Description
The LM6171 is a high speed unity-gain stable voltage feed-
back amplifier. It offers a high slew rate of 3600V/µs and a
unity-gain bandwidth of 100 MHz while consuming only 2.5
mA of supply current. The LM6171 has very impressive AC
and DC performance which is a great benefit for high speed
signal processing and video applications.
The ±15V power supplies allow for large signal swings and
give greater dynamic range and signal-to-noise ratio. The
LM6171 has high output current drive, low SFDR and THD,
ideal for ADC/DAC systems. The LM6171 is specified for
±5V operation for portable applications.
The LM6171 is built on National’s advanced VIP™ III (Verti-
cally Integrated PNP) complementary bipolar process.
Features
(Typical Unless Otherwise Noted)
n Easy-To-Use Voltage Feedback Topology
n Very High Slew Rate:
3600V/µs
n Wide Unity-Gain-Bandwidth Product:
100 MHz
n −3 dB Frequency @ AV = +2:
62 MHz
n Low Supply Current:
2.5 mA
n High CMRR:
110 dB
n High Open Loop Gain:
90 dB
n Specified for ±15V and ±5V Operation
Applications
n Multimedia Broadcast Systems
n Line Drivers, Switchers
n Video Amplifiers
n NTSC, PAL® and SECAM Systems
n ADC/DAC Buffers
n HDTV Amplifiers
n Pulse Amplifiers and Peak Detectors
n Instrumentation Amplifier
n Active Filters
Typical Performance Characteristics
VIP™ is a trademark of National Semiconductor Corporation.
PAL® is a registered trademark of and used under licence from Advanced Micro Devices, Inc.
Closed Loop Frequency Response
vs Supply Voltage (A
V = +1)
DS012336-5
Large Signal
Pulse Response
A
V = +1, VS = ±15
DS012336-9
May 1998
© 1999 National Semiconductor Corporation
DS012336
www.national.com


Similar Part No. - LM6171

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM6171 TI-LM6171 Datasheet
1Mb / 30P
LM6171 High Speed Low Power Low Distortion Voltage Feedback Amplifier
LM6171 TI1-LM6171 Datasheet
1Mb / 30P
High Speed Low Power Low Distortion Voltage Feedback Amplifier
LM6171AIM TI-LM6171AIM Datasheet
1Mb / 30P
LM6171 High Speed Low Power Low Distortion Voltage Feedback Amplifier
LM6171AIM TI1-LM6171AIM Datasheet
1Mb / 30P
LM6171 High Speed Low Power Low Distortion Voltage Feedback Amplifier
logo
National Semiconductor ...
LM6171AIM NSC-LM6171AIM Datasheet
1Mb / 30P
LM6171 High Speed Low Power Low Distortion Voltage Feedback Amplifier
More results

Similar Description - LM6171

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6172 NSC-LM6172 Datasheet
551Kb / 16P
Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
logo
Texas Instruments
THS4211 TI-THS4211 Datasheet
1Mb / 41P
LOW-DISTORTION HIGH-SPEED VOLTAGE FEEDBACK AMPLIFIER
LM6172QML TI1-LM6172QML Datasheet
1Mb / 22P
Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
LM6171AIM TI-LM6171AIM Datasheet
1Mb / 30P
LM6171 High Speed Low Power Low Distortion Voltage Feedback Amplifier
LM6171AIM TI1-LM6171AIM Datasheet
1Mb / 30P
LM6171 High Speed Low Power Low Distortion Voltage Feedback Amplifier
logo
National Semiconductor ...
THS4211 NSC-THS4211 Datasheet
1Mb / 50P
LOW-DISTORTION, HIGH-SPEED, VOLTAGE FEEDBACK AMPLIFIER
LM6171 NSC-LM6171_14 Datasheet
1Mb / 30P
LM6171 High Speed Low Power Low Distortion Voltage Feedback Amplifier
logo
Texas Instruments
LM6171 TI1-LM6171 Datasheet
1Mb / 30P
High Speed Low Power Low Distortion Voltage Feedback Amplifier
LM6172 TI1-LM6172 Datasheet
1Mb / 25P
Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
LM6172QML-SP TI1-LM6172QML-SP Datasheet
1Mb / 25P
Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com