Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4938-2ACPZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADA4938-2ACPZ-R7
Description  Ultralow Distortion Differential ADC Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4938-2ACPZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADA4938-2ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADA4938-2ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADA4938-2ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADA4938-2ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADA4938-2ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADA4938-2ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADA4938-2ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADA4938-2ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADA4938-2ACPZ-R7 Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
ADA4938-1/ADA4938-2
Data Sheet
Rev. B | Page 22 of 26
Table 10 and Table 11 list several common gain settings, associated
resistor values, input impedances, and output noise densities for
both balanced and unbalanced input configurations. Also shown
are the input common-mode voltages under the given conditions
for different VOCM settings for both a 10 V single supply and
±5 V dual supplies.
Table 10. Differential Ground-Referenced Input, DC-Coupled; See Figure 59
Nominal
Gain (V/V)
RF (Ω)
RG (Ω)
RIN,dm (Ω)
Differential
Output
Noise Density
(nV/√Hz)
Common-Mode Level at +IN, −IN (V)
+VS = 10 V, −VS = 0 V
VOUT,dm = 2.0V p-p
+VS = 5 V, −VS = −5 V
VOUT,dm = 2.0V p-p
VOCM = 2.5V
VOCM = 3.5V
VOCM = 1.0V
VOCM = 3.2V
1
200
200
400
6.5
1.25
1.75
0.50
1.60
2
402
200
400
10.4
0.83
1.16
0.33
1.06
3.16
402
127
254
13.4
0.60
0.84
0.24
0.77
5
402
80.6
161
18.2
0.42
0.58
0.17
0.53
Table 11. Single-Ended Ground-Referenced Input, DC-Coupled, RS = 50 Ω; See Figure 60
Nominal
Gain (V/V)
RF (Ω) RG1 (Ω) RT (Ω) RIN,se (Ω) RG2 (Ω)1
Overall
Gain (V/V)2
Differential
Output
Noise
Density
(nV/√Hz)
Common-Mode Swing at +IN, −IN (V)
+VS = 10 V, −VS = 0 V
VOUT,dm = 2.0 V p-p
+VS = 5 V, −VS = −5 V
VOUT,dm = 2.0 V p-p
VOCM = 2.5 V
VOCM = 3.5 V
VOCM = 0 V
VOCM = 2.0 V
1
200
200
60.4
267
226
0.9
6.2
1.00 to 1.50
1.50 to 2.00
−0.25 to +0.25
0.75 to 1.25
2
402
200
60.4
300
226
1.8
9.8
0.66 to 1.00
1.00 to 1.33
−0.17 to +0.17
0.50 to 0.83
3.16
402
127
66.5
205
158
2.5
11.8
0.48 to 0.72
0.72 to 0.96
−0.12 to +0.12
0.36 to 0.60
5
402
80.6
76.8
138
110
3.6
14.7
0.33 to 0.50
0.50 to 0.67
−0.08 to +0.08
0.25 to 0.42
1
RG2 = RG1 + RTS.
2
Includes effects of termination match.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com