Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMP01GSZ Datasheet(PDF) 28 Page - Analog Devices

Part # AMP01GSZ
Description  Low Noise, Precision Instrumentation Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMP01GSZ Datasheet(HTML) 28 Page - Analog Devices

Back Button AMP01GSZ Datasheet HTML 22Page - Analog Devices AMP01GSZ Datasheet HTML 23Page - Analog Devices AMP01GSZ Datasheet HTML 24Page - Analog Devices AMP01GSZ Datasheet HTML 25Page - Analog Devices AMP01GSZ Datasheet HTML 26Page - Analog Devices AMP01GSZ Datasheet HTML 27Page - Analog Devices AMP01GSZ Datasheet HTML 28Page - Analog Devices AMP01GSZ Datasheet HTML 29Page - Analog Devices AMP01GSZ Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
Data Sheet
AMP01
Rev. E | Page 27 of 29
18
1
2
3
9
13
10
12
11
V–
200kΩ
20kΩ
2kΩ
200Ω
G1
G10
G100
G1000
V+
RG
RG
7
8
1/2 OP215
+
–
8
4
V–
V+
1
2
3
1.82kΩ
1µF
16.2kΩ
OUTPUT
1/2 OP215
+
–
1.62MΩ
9.09kΩ
G1000
G1,10,100
100Ω
1kΩ
8
AMP01
14
15
10kΩ
RS
RS
RG
RG
16.2kΩ
1µF
en (G = 1, 10, 100) =
eOUT
1000
G
en (G = 1000) =
eOUT
100
G
1µF
5
6
7
Figure 47. Noise Test Circuit (0.1 Hz to 10 Hz)
18
1
2
3
9
13
10
12
11
200kΩ
0.1%
20kΩ
0.1%
2kΩ
0.1%
200Ω
0.1%
G1
G10
G100
G1000
RG
RG
7
8
8
14
15
0.047µF
47µF
0
.
0
V+
V–
10kΩ
0.1%
10Ω
0.1%
102Ω
0.1%
1.1kΩ
0.1%
G1000
G100
G1
G10
10kΩ
0.1%
2kΩ
0.1%
RG
RG
AMP01
RS
RS
1.91kΩ
0.1%
200Ω
10T
2
HSCH-1001
VIN
20V p-p
VOUT
Figure 48. Settling Time Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com