Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM6172 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM6172
Description  Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6172 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM6172 Datasheet HTML 1Page - National Semiconductor (TI) LM6172 Datasheet HTML 2Page - National Semiconductor (TI) LM6172 Datasheet HTML 3Page - National Semiconductor (TI) LM6172 Datasheet HTML 4Page - National Semiconductor (TI) LM6172 Datasheet HTML 5Page - National Semiconductor (TI) LM6172 Datasheet HTML 6Page - National Semiconductor (TI) LM6172 Datasheet HTML 7Page - National Semiconductor (TI) LM6172 Datasheet HTML 8Page - National Semiconductor (TI) LM6172 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
±5V DC Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = +5V, V− = −5V, V
CM = 0V, and RL = 1kΩ. Boldface
limits apply at the temperature extremes
Typ
(Note 5)
LM6172I
Symbol
Parameter
Conditions
Limit
Units
(Note 5)
65
min
PSRR
Power Supply Rejection Ratio
V
S = ±15V to ±5V
95
75
dB
70
min
A
V
Large Signal Voltage
R
L = 1kΩ
82
70
dB
Gain (Note 6)
65
min
R
L = 100Ω
78
65
dB
60
min
V
O
Output Swing
R
L = 1kΩ
3.4
3.1
V
3
min
−3.3
−3.1
V
−3
max
R
L = 100Ω
2.9
2.5
V
2.4
min
−2.7
−2.4
V
−2.3
max
Continuous Output Current
Sourcing, R
L = 100Ω
29
25
mA
(Open Loop) (Note 7)
24
min
Sinking, R
L = 100Ω
−27
−24
mA
−23
max
I
SC
Output Short Circuit
Sourcing
93
mA
Current
Sinking
−72
mA
I
S
Supply Current
Both Amplifiers
4.4
6
mA
7
max
±5V AC Electrical Characteristics
Unless otherwise specified, T
J = 25˚C, V
+ = +5V, V− = −5V, V
CM = 0V, and RL = 1kΩ.
LM61722
Typ
(Note 5)
Symbol
Parameter
Conditions
Units
SR
Slew Rate
A
V = +2, VIN = 3.5 VPP
750
V/µs
Unity-Gain Bandwidth
70
MHz
−3 dB Frequency
A
V = +1
130
MHz
A
V = +2
45
MHz
φ
m
Phase Margin
57
Deg
t
s
Settling Time (0.1%)A
V = −1, VOUT = ±1V,
72
ns
R
L = 500Ω
A
D
Differential Gain (Note 8)
0.4
%
φ
D
Differential Phase (Note 8)
0.7
Deg
e
n
Input-Referred
f = 1 kHz
11
Voltage Noise
i
n
Input-Referred
f = 1 kHz
1
Current Noise
Second Harmonic
f = 10 kHz
−110
dB
Distortion (Note 10)
f = 5 MHz
−48
dB
Third Harmonic
f = 10 kHz
−105
dB
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com