Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS6311ASU Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # MS6311ASU
Description  Stereo Audio DAC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MS6311ASU Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  MS6311ASU Datasheet HTML 1Page - List of Unclassifed Manufacturers MS6311ASU Datasheet HTML 2Page - List of Unclassifed Manufacturers MS6311ASU Datasheet HTML 3Page - List of Unclassifed Manufacturers MS6311ASU Datasheet HTML 4Page - List of Unclassifed Manufacturers MS6311ASU Datasheet HTML 5Page - List of Unclassifed Manufacturers MS6311ASU Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MOSA ELECTRONICS
MS6311
Stereo Audio DAC
- 5 -
www.mosanalog.com.tw
APPLICATION INFORMATION
Basic application example
A typical example of a CD-application with the MS6311 is shown in Fig.4. It features typical decoupling components
and a second-order analog post-filter (smoothing filter) stage providing a line output.
BCK
WS
DATA
GND
VoR
n.c.
VoL
V
DD
MS6311
50k
MS6308
50k
420pF
10Ω
V
DD
47uF
100nF
50k
MS6308
50k
420pF
100nF
100nF
1
2
3
45
6
7
8
Headphone
(32Ω)
Headphone
(32Ω)
Fig.4
Example of a 2nd order filter application.
Note :
No external capacitor loading is allowed at the output pins 6 and 8.
EXTERNAL DIMENSIONS
1.27
0.42
6.0
3.9
4.8
1.4
0.22
1.27
0.42
0.23
0.68
14
5
8
Unit : mm
Tolerance : 0.1mm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com