Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P80C32 Datasheet(PDF) 14 Page - TEMIC Semiconductors

Part # P80C32
Description  CMOS 0 to 44 MHz Single Chip 8-bit Microntroller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

P80C32 Datasheet(HTML) 14 Page - TEMIC Semiconductors

Back Button P80C32 Datasheet HTML 10Page - TEMIC Semiconductors P80C32 Datasheet HTML 11Page - TEMIC Semiconductors P80C32 Datasheet HTML 12Page - TEMIC Semiconductors P80C32 Datasheet HTML 13Page - TEMIC Semiconductors P80C32 Datasheet HTML 14Page - TEMIC Semiconductors P80C32 Datasheet HTML 15Page - TEMIC Semiconductors P80C32 Datasheet HTML 16Page - TEMIC Semiconductors P80C32 Datasheet HTML 17Page - TEMIC Semiconductors P80C32 Datasheet HTML 18Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
80C32/80C52
Rev. G (14 Jan. 97)
14
MATRA MHS
Note 1 : ICC is measured with all output pins
disconnected ; XTAL1 driven with TCLCH, TCHCL =
5 ns, VIL = VSS + .5 V, VIH = VCC –.5 V ; XTAL2
N.C. ; EA = RST = Port 0 = VCC. ICC would be slighty
higher if a crystal oscillator used.
Idle ICC is measured with all output pins disconnected ;
XTAL1 driven with TCLCH, TCHCL = 5 ns, VIL =
VSS + 5 V, VIH = VCC –.5 V ; XTAL2 N.C ; Port 0 =
VCC ; EA = RST = VSS.
Power Down ICC is measured with all output pins
disconnected ; EA = PORT 0 = VCC ; XTAL2 N.C. ;
RST = VSS.
Note 2 : Capacitance loading on Ports 0 and 2 may cause
spurious noise pulses to be superimposed on the VOLS of
ALE and Ports 1 and 3. The noise is due to external bus
capacitance discharging into the Port 0 and Port 2 pins
when these pins make 1 to 0 transitions during bus
operations. In the worst cases (capacitive loading 100
pF), the noise pulse on the ALE line may exceed 0.45 V
may exceed 0,45 V with maxi VOL peak 0.6 V. A Schmitt
Trigger use is not necessary.
Figure 9. ICC Test Condition, Idle Mode.
All other pins are disconnected.
Figure 10. ICC Test Condition, Active Mode.
All other pins are disconnected.
Figure 11. ICC Test Condition, Power Down Mode.
All other pins are disconnected.
Figure 12. Clock Signal Waveform for ICC Tests in Active and Idle Modes. TCLCH = TCHCL = 5 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com