Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM6142AMJ-QML Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM6142AMJ-QML
Description  High Speed/Low Power 17 MHz Rail-to-Rail Input-Output Operational Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6142AMJ-QML Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM6142AMJ-QML Datasheet HTML 2Page - National Semiconductor (TI) LM6142AMJ-QML Datasheet HTML 3Page - National Semiconductor (TI) LM6142AMJ-QML Datasheet HTML 4Page - National Semiconductor (TI) LM6142AMJ-QML Datasheet HTML 5Page - National Semiconductor (TI) LM6142AMJ-QML Datasheet HTML 6Page - National Semiconductor (TI) LM6142AMJ-QML Datasheet HTML 7Page - National Semiconductor (TI) LM6142AMJ-QML Datasheet HTML 8Page - National Semiconductor (TI) LM6142AMJ-QML Datasheet HTML 9Page - National Semiconductor (TI) LM6142AMJ-QML Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
24V Electrical Characteristics
Unless Otherwise Specified, All Limits Guaranteed for T
J = 25˚C, V+ = 24V, V− = 0V, VCM = VO = V+/2 and RL > 1MΩ to
V
S/2. Boldface limits apply at the temperature extreme
LM6144AI
LM6144BI
Symbol
Parameter
Conditions
Typ
LM6142AI
LM6142BI
Units
(Note 5)
Limit
Limit
(Note 6)
(Note 6)
V
OS
Input Offset Voltage
1.3
2
3.8
mV
4.8
4.8
max
I
B
Input Bias Current
174
nA
max
I
OS
Input Offset Current
5
nA
max
R
IN
Input Resistance
288
M
Ω
CMRR
Common Mode
0V
≤ V
CM ≤ 23V
114
dB
min
Rejection Ratio
0V
≤ V
CM ≤ 24V
100
PSRR
Power Supply
0V
≤ V
CM ≤ 24V
87
Rejection Ratio
V
CM
Input Common-Mode
−0.25
0
0
V min
Voltage Range
24.25
24
24
V max
A
V
Large Signal
R
L = 10k
500
V/mV
Voltage Gain
min
V
O
Output Swing
R
L = 10 kΩ
0.07
0.15
0.15
V
0.185
0.185
max
23.85
23.81
23.81
V
23.62
23.62
min
I
S
Supply Current
Per Amplifier
750
1100
1100
µA
1150
1150
max
GBW
Gain-Bandwidth Product
f = 50 kHz
18
MHz
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is in-
tended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Charactenstics.
Note 2: Human body model, 1.5 k
Ω in series with 100 pF.
Note 3: Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in exceeding the
maximum allowed junction temperature of 150˚C.
Note 4: The maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any ambient temperature is PD = (Tj(max)
−TA)/θJA. All numbers apply for packages soldered directly into a PC board.
Note 5: Typical values represent the most likely parametric norm.
Note 6: All limits are guaranteed by testing or statistical analysis.
Note 7: For guaranteed military specifications see military datasheet MNLM6142AM-X.
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com