Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM6181 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM6181
Description  100 mA, 100 MHz Current Feedback Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6181 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM6181 Datasheet HTML 1Page - National Semiconductor (TI) LM6181 Datasheet HTML 2Page - National Semiconductor (TI) LM6181 Datasheet HTML 3Page - National Semiconductor (TI) LM6181 Datasheet HTML 4Page - National Semiconductor (TI) LM6181 Datasheet HTML 5Page - National Semiconductor (TI) LM6181 Datasheet HTML 6Page - National Semiconductor (TI) LM6181 Datasheet HTML 7Page - National Semiconductor (TI) LM6181 Datasheet HTML 8Page - National Semiconductor (TI) LM6181 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
±5V AC Electrical Characteristics
The following specifications apply for Supply Voltage = ±5V, R
F = 820Ω, and RL = 1kΩ unless otherwise noted. Boldface
limits apply at the temperature extremes; all other limits T
J = 25˚C.
Symbol
Parameter
Conditions
LM6181AM
LM6181AI
LM6181I
Units
Typical
Limit
Typical
Limit
Typical
Limit
(Note 4)
(Note 5)
(Note 4)
(Note 5)
(Note 4)
(Note 5)
BW
Closed Loop Bandwidth −3 dB
AV = +2
50
50
50
MHz
min
AV = +10
40
40
40
AV = −1
55
35
55
35
55
35
AV = −10
35
35
35
PBW
Power Bandwidth
AV = −1, VO = 4VPP
40
40
40
SR
Slew Rate
AV = −1, VO = ±2V,
500
375
500
375
500
375
V/µs
RL = 150Ω (Note 6)
min
ts
Settling Time (0.1%)AV = −1, VO = ±2V
50
50
50
ns
RL = 150Ω
tr,tf
Rise and Fall Time
VO = 1VPP
8.5
8.5
8.5
tp
Propagation Delay Time
VO = 1VPP
88
8
in(+)
Non-Inverting Input Noise
f = 1 kHz
3
3
3
Current Density
in(−)
Inverting Input Noise
f = 1 kHz
16
16
16
Current Density
en
Input Noise Voltage
Density
f = 1 kHz
4
4
4
Second Harmonic Distortion
2 VPP, 10 MHz
−45
−45
−45
dBc
Third Harmonic Distortion
2 VPP, 10 MHz
−55
−55
−55
Differential Gain
RL = 150Ω
AV = +2
0.063
0.063
0.063
%
NTSC
Differential Phase
RL = 150Ω
AV = +2
0.16
0.16
0.16
Deg
NTSC
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating ratings indicate conditions the device is intended to
be functional, but device parameter specifications may not be guaranteed under these conditions. For guaranteed specifications and test conditions, see the Electrical
Characteristics.
Note 2: Human body model 100 pF and 1.5 k
Ω.
Note 3: The typical junction-to-ambient thermal resistance of the molded plastic DIP(N) package soldered directly into a PC board is 102˚C/W. The
junction-to-ambient thermal resistance of the S.O. surface mount (M) package mounted flush to the PC board is 70˚C/W when pins 1, 4, 8, 9 and 16 are soldered
to a total 2 in2 1 oz. copper trace. The 16-pin S.O. (M) package must have pin 4 and at least one of pins 1, 8, 9, or 16 connected to V− for proper operation. The typical
junction-to-ambient thermal resistance of the S.O. (M-8) package soldered directly into a PC board is 153˚C/W.
Note 4: Typical values represent the most likely parametric norm.
Note 5: All limits guaranteed at room temperature (standard type face) or at operating temperature extremes (bold face type).
Note 6: Measured from +25% to +75% of output waveform.
Note 7: Continuous short circuit operation at elevated ambient temperature can result in exceeding the maximum allowed junction temperature of 150˚C. Output cur-
rents in excess of ±130 mA over a long term basis may adversely affect reliability.
Note 8: For guaranteed Military Temperature Range parameters see RETS6181X.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com