Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D41F Datasheet(PDF) 2 Page - American Electronic Components, inc

Part # D41F
Description  Screw or spring clamp terminals
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

D41F Datasheet(HTML) 2 Page - American Electronic Components, inc

  D41F Datasheet HTML 1Page - American Electronic Components, inc D41F Datasheet HTML 2Page - American Electronic Components, inc D41F Datasheet HTML 3Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Overall dimensions
D41F series
interface relays
Ref: D41F 102115JHM
Coil data
Table 1
Coil Voltage Code
Nominal Control
Voltage
Relay Coil Voltage
Input Polarity
Screw Torque
(D41F-1Z-C2 only)
Stripped wire length
1
12 ~ 24VAC/DC
12VDC
None
0.5Nm
7mm
2
48 ~ 60VAC/DC
48VDC
3
110 ~ 125VAC/DC
60VDC
4
220 ~ 230VAC/DC
60VDC
5
6 ~ 24VDC
5VDC
A1 + / A2 -
Operating relays below or above the nominal voltage may prove detrimental to performance.
Page 2 of 3
www.aecsensors.com
Sales Department Tel: (888) 847-6552
Specifications are subject to change without notice. E&OE.
Ordering codes
Table 2
Relay & Socket Code
Contact
Socket style
Coil code
D
4
1
F
-
1
Z
-
-
Contact Style
See Table 1
1Z
-
SPDT (1 Form Z)
Socket style
C2
- Screw terminals
C4
- Spring clamp terminals
Movable ejector:
Easy replacement of relay
Green LED Diode indicates
operate status of relay
Dimensions in mm
101.6
35
Fig. 1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com