Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF85 Datasheet(PDF) 15 Page - Integrated Circuit Systems

Part # PCF85
Description  PCF85xxC-2 family 256 to 1024 쨈 8-bit CMOS EEPROMs with I2C-bus interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

PCF85 Datasheet(HTML) 15 Page - Integrated Circuit Systems

Back Button PCF85 Datasheet HTML 11Page - Integrated Circuit Systems PCF85 Datasheet HTML 12Page - Integrated Circuit Systems PCF85 Datasheet HTML 13Page - Integrated Circuit Systems PCF85 Datasheet HTML 14Page - Integrated Circuit Systems PCF85 Datasheet HTML 15Page - Integrated Circuit Systems PCF85 Datasheet HTML 16Page - Integrated Circuit Systems PCF85 Datasheet HTML 17Page - Integrated Circuit Systems PCF85 Datasheet HTML 18Page - Integrated Circuit Systems PCF85 Datasheet HTML 19Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
1997 Feb 13
15
Philips Semiconductors
Product specification
256 to 1024
× 8-bit CMOS EEPROMs with
I2C-bus interface
PCF85xxC-2 family
Fig.13 Page mode.
handbook, full pagewidth
td
t HIGH
f
t
r
t
LOW
t
STOP
12
PTC
SDA
SCL
MBA699
1153
Fig.14 External clock.
(1) If an external clock is chosen, this information is latched internally by setting pin 7 (PTC) LOW after transmission of the eighth bits of the word
address (negative edge of SCL). Thus the state of pin 7 may be previously undefined. Leaving pin 7 LOW causes a higher standby current.
(2) 1-byte programming.
(3) 2-byte programming.
(4) One page (8 bytes) programming.
handbook, full pagewidth
S
0 A
A
DATA
A
DATA
A
P
SLAVE ADDRESS
WORD ADDRESS
(1)
undefined
1
1
1
2
2
2
257
513
1153
clock (2)
clock (3)
clock (4)
d
t
0
negative edge
SCL 8-bit
undefined
LOW
HIGH
PTC
2
I C-bus
MBA700



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com