Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG76 Datasheet(PDF) 2 Page - American Electronic Components, inc

Part # DG76
Description  30V maximum DC switching voltage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

DG76 Datasheet(HTML) 2 Page - American Electronic Components, inc

  DG76 Datasheet HTML 1Page - American Electronic Components, inc DG76 Datasheet HTML 2Page - American Electronic Components, inc DG76 Datasheet HTML 3Page - American Electronic Components, inc DG76 Datasheet HTML 4Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Ordering codes
Type
Contact
Material
Contact
arrangement
Cover protec-
tion and
mounting
Coil code
D
G
7
6
B
-
-
-
-
Contact Rating
B
-
90A
Contact Material
30
-
AgSnO
2
see Table 1
Contact Arrangement
21
-
SPST-NO (1 Normally open) *
31
-
SPST-NC (1 Normally closed)*
* As delivered condition.
Cover Protection Category
7
-
Covered, dust cover
Terminations and mounting*
0V
-
PCB coil terminals + Weld Terminals for contacts
0H
-
PCB coil terminals + Weld Terminals for contacts
5V
-
PCB terminals (coil & power). Vertical relay mount.
8V
-
PCB coil terminals + screw terminals for contact. Vertical mount.
8H
-
PCB coil terminals + screw terminals for contacts. Horizontal mount.
* Custom terminations available. Please contact factory.
Options
NIL
-
Standard
P***
-
Custom (*** = unique identifier)
The DG76B terminals are highly customisable. Some examples can be seen on Pages 3 & 4
Please contact factory for additional information. (MOQ’s may apply)
DG76B
bistable (latching) power relay
Ref: DG76 090312JHM
Coil Data
Table 1
DC Coil
Coil Voltage Code
Nominal Voltage
(VDC)
Coil Resistance (Ω) ±10%
Must operate
voltage (VDC)
Operate pulse
length
Single Coil
Twin Coil*
Single Coil
(1.5W)
Twin Coil* (3W)
SL05
TL05
5
16
8.0 + 8.0
≥ 3.5
≥ 50ms
SL06
TL06
6
24
12.0 + 12.0
≥ 4.2
SL09
TL09
9
54
27.0 + 27.0
≥ 6.3
SL12
TL12
12
96
48.0 + 48.0
≥ 8.4
SL24
TL24
24
384
192 + 192
≥ 16.8
SL48
TL48
48
1536
768 + 768
≥ 33.6
* NB: Latch & Reset coils must not be powered simultaneously.
Page 2 of 4
www.durakoolrelays.com
Sales Department Tel: (888) 847-6552



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com