Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI-128 Datasheet(PDF) 2 Page - ETAL Group

Part # SI-128
Description  Motors, transformers, solenoids, controls for oil and gas boilers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

SI-128 Datasheet(HTML) 2 Page - ETAL Group

  SI-128 Datasheet HTML 1Page - ETAL Group SI-128 Datasheet HTML 2Page - ETAL Group SI-128 Datasheet HTML 3Page - ETAL Group SI-128 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Thermal Overcurrent Circuit Breaker 2-6400-...
Thermal Overcurrent Circuit Breaker 2-6400-...
www.e-t-a.de
1635
2
1
The time/current characteristic curve depends on the ambient temperature
prevailing. In order to eliminate nuisance tripping, please multiply the
circuit breaker current ratings by the derating factor shown below. See also
section Technical information.
Ambient temperature °F
°C
-4
-20
+14
-10
+32
0
+73.4
+23
+104
+40
+122
+50
+140
+60
Derating factor
0.76 0.84
0.92
1
1.08
1.16
1.24
4
1.5
4
operating area
mounting area
.157
.059
.157
Installation drawing
7
See dimension diagram.
-P10 0.05…7 A
-P10 8…16 A
-P10-A3 0.05…16 A
-L10 0.05…7 A
-L10 8…16 A
-L10-A3 0.05…16 A
.276
157
46
2
(-A3)
(3)
15
7
46
3
(-A3)
(2)
0.05...7 A
8...16 A
Internal connection diagrams
Terminal design
12
46 8102040
… times rated current
10000
1000
100
10
1
0.1
Typical time/current characteristics at +23 °C/+73.4 °F
This is a metric design and millimeter dimensions take precedence ( mm )
inch
SW14
5
ø6.4
iG1=8.8
iG2=11.3
14.5
11.5
31
16.5
current rating in A
iG1=ø9.6-0.1
iG2=ø12.2-0.1
mounting hole
iG1=3/8-27UNS-2A tightening torque max. 1 Nm
iG2=M12x1 tightening torque max. 1.5 Nm
(moulded
threadneck)
-P10
0.05 - 7A
blade terminal
DIN 46244-A6.3-0.8
(QC .250)
.252
.453
1.22
.650
.571
.551
iG1=.346
iG2=.445
iG1=.378-.004
iG2=.480-.004
Dimensions



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com