Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C720002 Datasheet(PDF) 1 Page - E-SWITCH

Part # C720002
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

C720002 Datasheet(HTML) 1 Page - E-SWITCH

  C720002 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
R712FXX-SXXXNXDNNX
1:1
8/14/2013
C720002
B
rc
1
1
RECOMMENDED
PANEL CUT-OUT
A
21250
New Release
8/14/13
rc
38.6
[1.520 in]
25.2
[.990 in]
36.9
[1.453 in]
20.8
[.819 in]
6.34
[.250 in]
21.10 - .00
.20
+
.831 -.000
.008
+
in
[]
37.00 -.00
.20
+
1.457 -.000
.008
+
in
[]
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERM. NOS. FOR REF. ONLY
4. RATING: 16A @ 30VDC, 50/60 Hz, µT55
UL LISTED
5. ELECTRICAL LIFE: 10,000 CYCLES
6. MECHANICAL LIFE: 30,000 CYCLES
7. CONTACT RESISTANCE: <20 MILLI-OHMS INITIAL
8. DIELECTRIC STRENGTH: >1,500V AC 1MIN
9. INSULATION RESISTANCE: >100 MOHMS @ 500VDC
10. OPERATING TEMP: 0°C to 55°C
11. LED VOLTAGE: NONE
12.
DENOTES CRITICAL PARAMETER.
13. 2002/95/EC (ROHS) COMPLIANT
3
POS.
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
N/A
ON
ON
1-2
N/A
2-3
1
POS.
BLACK
BEZEL
2
3
CIRCUIT: SPDT
ON - ON
1
.80
[.031 in]
RUBBER GASKET
(Not Shown)
44.5
[1.752 in]
B
21355
Drawing Cleanup
1/15/14
rc


Similar Part No. - C720002

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
C720000 E-SWITCH-C720000 Datasheet
87Kb / 1P
ALL DIMENSIONS IN MM [INCH]
C720001 E-SWITCH-C720001 Datasheet
90Kb / 1P
ALL DIMENSIONS IN MM [INCH]
C720003 E-SWITCH-C720003 Datasheet
93Kb / 1P
ALL DIMENSIONS IN MM [INCH]
C720004 E-SWITCH-C720004 Datasheet
89Kb / 1P
ALL DIMENSIONS IN MM [INCH]
C720005 E-SWITCH-C720005 Datasheet
93Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - C720002

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com