Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HHC71F Datasheet(PDF) 1 Page - American Electronic Components, inc

Part # HHC71F
Description  Robust construction
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

HHC71F Datasheet(HTML) 1 Page - American Electronic Components, inc

  HHC71F Datasheet HTML 1Page - American Electronic Components, inc HHC71F Datasheet HTML 2Page - American Electronic Components, inc HHC71F Datasheet HTML 3Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
www.durakoolrelays.com
Sales Department Tel: (888) 847-6552
HHC71F
high power industrial relay
Contacts
Contact number & arrangement
SPST-NO, SPST-NC, SPDT, DPST-NO, DPST-NC, DPDT
Contact material
AgSnOInO
Max. switching voltage
240VAC / 30VDC
Min. switching current / voltage
500mA/12VDC
Max. continuous current
SP types: 100A / DP Types: 80A
Max. switching current
100A
Max. switching power
24,000VA / 3000VA
Max. Inrush current
240A for 10ms
Initial resistance
≤ 100mΩ, max. at 0.1A/6VDC
Coil
Rated voltage
6...110VDC; 6...380VAC
Must release voltage
DC ≥ 0.1Un; AC ≥ 0.3Un
Operating range of supply voltage
See coil tables 1 & 2
Rated power consumption
2W (DC Coils) / 10VA (AC Coils)
Insulation
Insulation resistance
>500MΩ at 500VDC, 50%RH
Dielectric strength
coil to contact 2500Vrms, 1 min (50Hz)
between open contacts
between adjacent contact sets
1500Vrms, 1 min (50Hz)
1500Vrms, 1 min (50Hz)
General Data
Operating time (typical)
mS ≤ 25mS
Release time (typical)
mS ≤ 25mS
Electrical Life
ops 1 x 105
Mechanical life
ops 1 x 106
Dimensions
L x W x H 370 x 275 x 330mm (covered)
Weight
≤ 210g (SPDT) / ≤ 330g (DPDT)
Ambient temperature
storage -40 to 155°C
operating - 25 to 55°C
Shock resistance
10G / 11ms
Vibration resistance
10-55Hz: DA 1.0mm
• Up to 100A / 240VAC continuous rating
• AC & DC Coils
• Robust construction
• Dust Cover as standard
• RoHS Compliant
Ref: HHC71F 102011JHM


Similar Part No. - HHC71F

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
HHC71-4 AEC-HHC71-4 Datasheet
431Kb / 3P
Electric Vehicle Motor Control
HHC71C AEC-HHC71C Datasheet
556Kb / 3P
Dust Cover as standard
HHC71E AEC-HHC71E Datasheet
495Kb / 3P
Dust Cover as standard
HHC71G AEC-HHC71G Datasheet
590Kb / 3P
Dust Cover as standard
HHC71G-2 AEC-HHC71G-2 Datasheet
2Mb / 3P
Dust Cover as standard
More results

Similar Description - HHC71F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATC200B ETC2-ATC200B Datasheet
247Kb / 6P
Rugged Construction
ATC920C ETC2-ATC920C Datasheet
94Kb / 2P
Rugged Construction
logo
IXYS Corporation
CPC7556 IXYS-CPC7556 Datasheet
162Kb / 6P
Monolithic Construction
logo
Ohmite Mfg. Co.
RES-AXIOHM OHMITE-RES-AXIOHM Datasheet
311Kb / 2P
Welded construction
logo
TT Electronics.
CDR TTELEC-CDR Datasheet
322Kb / 3P
Robust terminations
HVC TTELEC-HVC Datasheet
435Kb / 3P
Robust thick film construction
logo
Bourns Electronic Solut...
SRU8045A-3R5Y BOURNS-SRU8045A-3R5Y Datasheet
263Kb / 3P
Shielded construction
logo
SunLED Corporation
XZFBBA05C SUNLED-XZFBBA05C Datasheet
291Kb / 4P
Robust package
XZFMDK14A SUNLED-XZFMDK14A Datasheet
250Kb / 4P
Robust package
logo
Ultralife Corporation.
URB-X5 ULTRALIFE-URB-X5 Datasheet
1Mb / 4P
Robust and lightweight full aluminum case & handle construction
Rev: C
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com