Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLU7821 Datasheet(PDF) 10 Page - International Rectifier

Part # IRLU7821
Description  HEXFET Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLU7821 Datasheet(HTML) 10 Page - International Rectifier

Back Button IRLU7821 Datasheet HTML 3Page - International Rectifier IRLU7821 Datasheet HTML 4Page - International Rectifier IRLU7821 Datasheet HTML 5Page - International Rectifier IRLU7821 Datasheet HTML 6Page - International Rectifier IRLU7821 Datasheet HTML 7Page - International Rectifier IRLU7821 Datasheet HTML 8Page - International Rectifier IRLU7821 Datasheet HTML 9Page - International Rectifier IRLU7821 Datasheet HTML 10Page - International Rectifier IRLU7821 Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
IRLR/U7821
10
www.irf.com
I-Pak (TO-251AA) Package Outline
Dimensions are shown in millimeters (inches)
I-Pak (TO-251AA) Part Marking Information
6.73 (.265)
6.35 (.250)
- A -
6.22 (.245)
5.97 (.235)
- B -
3X
0.89 (.035)
0.64 (.025)
0.25 (.010)
M A M B
2.28 (.090)
1.14 (.045)
0.76 (.030)
5.46 (.215)
5.21 (.205)
1.27 (.050)
0.88 (.035)
2.38 (.094)
2.19 (.086)
1.14 (.045)
0.89 (.035)
0.58 (.023)
0.46 (.018)
LEAD ASSIGNMENTS
1 - GATE
2 - DRAIN
3 - SOURCE
4 - DRAIN
NOTES:
1 DIMENSIONING & TOLERANCING PER ANSI Y14.5M, 1982.
2 CONTROLLING DIMENSION : INCH.
3 CONFORMS TO JEDEC OUTLINE TO-252AA.
4 DIMENSIONS SHOWN ARE BEFORE SOLDER DIP,
SOLDER DIP MAX. +0.16 (.006).
9.65 (.380)
8.89 (.350)
2X
3X
2.28 (.090)
1.91 (.075)
1.52 (.060)
1.15 (.045)
4
1
2
3
6.45 (.245)
5.68 (.224)
0.58 (.023)
0.46 (.018)
X@@FÃ2Ã %
96U@Ã8P9@
`@6SÃ2Ã
I‚‡r†)ÃUuv†Ãƒh…‡Ã€h…xvtÃvs‚…€h‡v‚Ãhƒƒyvr†Ã‡‚Ãqr‰vpr†Ãƒ…‚qˆprqÃirs‚…rÃ!!%!
@Y6HQG@)
GPUÃ8P9@Ã(V Q
UCDTÃDTÃ6IÃDSAS !
XDUCÃ6TT@H7G`
6TT@H7G`
DIU@SI6UDPI6G
S@8UDAD@S
GPBP
GPUÃ8P9@
,5)8
8
3

DIU@SI6UDPI6G
GPBP
S@8UDAD@S
GPUÃ8P9@
6TT@H7G`
@Y6HQG@)
XDUCÃ6TT@H7G`
UCDTÃDTÃ6IÃDSAS !
`@6SÃ(Ã2Ã (((
96U@Ã8P9@
GDI@Ã6
X@@FÃ (
DIÃUC@Ã6TT@H7G`ÃGDI@ÃÅ6Å
6TT@H7G@9ÃPIÃXXÃ (Ã (((
GPUÃ8P9@Ã$%&'
Q6SUÃIVH7@S
I‚‡r†)ÃUuv†Ãƒh…‡Ã€h…xvtÃvs‚…€h‡v‚Ãhƒƒyvr†Ã‡‚Ãqr‰vpr†Ãƒ…‚qˆprqÃhs‡r…Ã!!%!

,5)8
$




Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com