Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG91 Datasheet(PDF) 1 Page - American Electronic Components, inc

Part # DG91
Description  micro 280 automotive relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

DG91 Datasheet(HTML) 1 Page - American Electronic Components, inc

  DG91 Datasheet HTML 1Page - American Electronic Components, inc DG91 Datasheet HTML 2Page - American Electronic Components, inc DG91 Datasheet HTML 3Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
www.aecsensors.com
Sales Department Tel: (888) 847-6552
DG91
micro 280 automotive relay
Contacts
Contact number & arrangement
SPST-NO (1 Form A); SPDT (1 Form C)
Contact material
AgSnOInO
Max. switching voltage
DC 27VDC
Rated load (max. continuous current)
DC1 30A/12VDC (Normally open); 20A/12VDC (Normally closed)
Load
Voltage
VDC
Load Type
Max/Rated Current
On/Off
Ratio
Diagram
SPDT
SPST-NO
NO
NC
NO
13.5
Resistive On/Off
30
20
30
2s/2s
1
Motor
On
40
20
40
2
Off
20
10
20
Lamp
On
100
-
120
3
Off
20
-
20
27
Resistive On/Off
20
10
20
1
Minimum load
0.5A/12VDC
Initial resistance
50mΩ, max. at 0.1A/24VDC
Coil
Rated voltage
DC 12 & 24V - see coil details - Table 1
Rated power consumption
DC Approx. 1.5W SPDT; 1.7W with resistor
Insulation
Insulation resistance
100MΩ at 500VDC, 50%RH
Dielectric strength
coil to contact 550Vrms, 1min
contact to contact 550Vrms, 1min
General Data
Operating time (typical)
ms 5 (10ms max.)
Release time (typical)
ms 5 (10ms max.)
Electrical Life2
ops 1 x 105
Mechanical life
ops 1 x 107
Dimensions
L x W x H 23.0 x 15.5 x 26.0 mm (excluding terminals)
Weight
20g approx.
Ambient temperature
storage -40 to 155°C
operating -40 to 125°C
Shock resistance
Functional: 20g 11ms (196m/s2) Destructive: 100g
Vibration resistance
10Hz - 500Hz 49m/s2 (5g)
• Industry Standard micro 280 relay
• Up to 120A 12VDC inrush capability
• 2.8mm QC terminals
• -40° to 125°C
• RoHS & ELV Compliant
Ref: DG91 091014JHM
Specifications are subject to change without notice. E&OE.
Diagram 1
Diagram 2
Diagram 3


Similar Part No. - DG91

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
DG91 WILLOW-DG91 Datasheet
269Kb / 3P
micro 280 automotive relay
DG91-7011-36-1012-BD WILLOW-DG91-7011-36-1012-BD Datasheet
269Kb / 3P
micro 280 automotive relay
DG91-7011-36-1012-D WILLOW-DG91-7011-36-1012-D Datasheet
269Kb / 3P
micro 280 automotive relay
DG91-7011-36-1012-DR WILLOW-DG91-7011-36-1012-DR Datasheet
269Kb / 3P
micro 280 automotive relay
logo
Solid State Supplies.
DG91-7011-36-1012-DR DURAKOOL-DG91-7011-36-1012-DR Datasheet
498Kb / 2P
Micro ISO 280 Automotive Relays
More results

Similar Description - DG91

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
ACV11012 NAIS-ACV11012 Datasheet
134Kb / 4P
AUTOMOTIVE LOW PROFILE MICRO-ISO/MICRO-280 RELAY
logo
Omron Electronics LLC
G8HN OMRON-G8HN Datasheet
156Kb / 5P
Micro ISO Automotive Relay
logo
American Zettler, Inc.
AZ984 AZETTLER-AZ984 Datasheet
90Kb / 2P
20 AMP 280-ISO AUTOMOTIVE RELAY
AZ986 AZETTLER-AZ986 Datasheet
114Kb / 3P
40 AMP 280-ISO AUTOMOTIVE RELAY
logo
Omron Electronics LLC
G8HN OMRON-G8HN_1 Datasheet
252Kb / 8P
Micro ISO Automotive Relay
G8V-RH OMRON-G8V-RH Datasheet
581Kb / 5P
High-Current Micro 280 Automotive Relay
G8W OMRON-G8W Datasheet
168Kb / 4P
Mini-280 Automotive Relay
G8VA OMRON-G8VA Datasheet
444Kb / 2P
Automotive low profile micro 280 terminal layout relay
logo
Picker Components
PC781 PICKER-PC781 Datasheet
444Kb / 2P
15 Amp Micro ISO 280 Automotive Plug-In Relay
logo
Willow Technologies Ltd
DG91 WILLOW-DG91 Datasheet
269Kb / 3P
micro 280 automotive relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com