Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTC3 Datasheet(PDF) 1 Page - American Electronic Components, inc

Part # DTC3
Description  subminiature pcb signal relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

DTC3 Datasheet(HTML) 1 Page - American Electronic Components, inc

  DTC3 Datasheet HTML 1Page - American Electronic Components, inc DTC3 Datasheet HTML 2Page - American Electronic Components, inc DTC3 Datasheet HTML 3Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
www.aecsensors.com
Sales Department Tel: (888) 847-6552
DTC3
subminiature pcb signal relay
Contacts
Contact number & arrangement
DPDT ( 2 Changeover); 2 Form C
Contact material
Ag + Au plate (2um)
Max. switching voltage
AC/DC 125VAC, 30VDC
Min. switching current / voltage
1mA/1VDC
Rated load (resistive - cos φ=1)
AC1 1A, 125VAC
DC1 2A, 30VDC
Max. switching power
125VA / 60W
Initial resistance
≤ 50mΩ, max. at 0.1A/6VDC
Coil
Rated voltage
DC 3...48V
Must release voltage
≥0.1Un
Operating range of supply voltage
See coil tables 1, 2 & 3
Rated power consumption
DC See coil table 1, 2 & 3. 75mW, 150mW & 200mW
Insulation
Insulation resistance
≥1000MΩ at 500VDC, 50%RH
Dielectric strength
coil to contact 1000Vrms, 1min
contact to contact 1000Vrms, 1min
General Data
Operating time (typical)
mS ≤ 4
Release time (typical)
mS ≤ 3
Electrical Life (resistive 1800ops/hr)
ops 1 x 105 (2A/30VDC), 5 x 105 (1A/30VDC)
Mechanical life (18000ops/hr)
ops 1 x 108
Dimensions
L x W x H 20.2 x 10.2 x 10.6mm
Weight
≤ 4.5g
Ambient temperature
storage -40 to 85°C
operating -40 to 85°C
Shock resistance
Functional: 50g; Destructive: 100g
Vibration resistance
20g 10-55Hz
• subminiature - only 20.2 x 10.2 x 10.6mm
• High switching capacity 60W, 125VA
• DIL Pitch PCB mounting
• High sensitivity polarized & latching coils
• RoHS Compliant
Ref: DTC3 032510JHM


Similar Part No. - DTC3

ManufacturerPart #DatasheetDescription
logo
Solid State Supplies.
DTC3-8212-85-S003 DURAKOOL-DTC3-8212-85-S003 Datasheet
823Kb / 3P
Sub Miniature PCB Signal Relay
DTC3-8212-85-S005 DURAKOOL-DTC3-8212-85-S005 Datasheet
823Kb / 3P
Sub Miniature PCB Signal Relay
DTC3-8212-85-S009 DURAKOOL-DTC3-8212-85-S009 Datasheet
823Kb / 3P
Sub Miniature PCB Signal Relay
DTC3-8212-85-S012 DURAKOOL-DTC3-8212-85-S012 Datasheet
823Kb / 3P
Sub Miniature PCB Signal Relay
DTC3-8212-85-S024 DURAKOOL-DTC3-8212-85-S024 Datasheet
823Kb / 3P
Sub Miniature PCB Signal Relay
More results

Similar Description - DTC3

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFD4 HONGFA-HFD4 Datasheet
191Kb / 5P
SUBMINIATURE SIGNAL RELAY
HFD41 HONGFA-HFD41 Datasheet
60Kb / 3P
SUBMINIATURE SIGNAL RELAY
HFD41HFD41A HONGFA-HFD41HFD41A Datasheet
60Kb / 3P
SUBMINIATURE SIGNAL RELAY
HFD3 HONGFA-HFD3 Datasheet
211Kb / 6P
SUBMINIATURE SIGNAL RELAY
logo
American Electronic Com...
DTC2 AEC-DTC2 Datasheet
355Kb / 3P
subminiature pcb signal relay
logo
Picker Components
PC312 PICKER-PC312_17 Datasheet
565Kb / 2P
Subminiature PCB Signal Relay
PC312B PICKER-PC312B_17 Datasheet
565Kb / 2P
Subminiature PCB Signal Relay
PC322 PICKER-PC322_17 Datasheet
617Kb / 2P
Subminiature PCB Signal Relay
logo
Hongfa Technology
HFD17 HONGFA-HFD17 Datasheet
609Kb / 3P
SUBMINIATURE SIGNAL RELAY
HFD42 HONGFA-HFD42 Datasheet
865Kb / 5P
SUBMINIATURE SIGNAL RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com