Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4077-1ARZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADA4077-1ARZ-R7
Description  4 MHz, 7 nV/?숰z, Low Offset and Drift, High Precision Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4077-1ARZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADA4077-1ARZ-R7 Datasheet HTML 16Page - Analog Devices ADA4077-1ARZ-R7 Datasheet HTML 17Page - Analog Devices ADA4077-1ARZ-R7 Datasheet HTML 18Page - Analog Devices ADA4077-1ARZ-R7 Datasheet HTML 19Page - Analog Devices ADA4077-1ARZ-R7 Datasheet HTML 20Page - Analog Devices ADA4077-1ARZ-R7 Datasheet HTML 21Page - Analog Devices ADA4077-1ARZ-R7 Datasheet HTML 22Page - Analog Devices ADA4077-1ARZ-R7 Datasheet HTML 23Page - Analog Devices ADA4077-1ARZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
ADA4077-1/ADA4077-2/ADA4077-4
Data Sheet
Rev. D | Page 20 of 25
Figure 65. Input Bias Current (IB) vs. Common-Mode Voltage (VCM)
Figure 66. Channel Separation, VSY = ±15 V
Figure 67. Current Noise Density, VSY = ±15 V
Figure 68. Current Noise Density, VSY = ±5 V
–1000
–900
–800
–700
–600
–500
–400
–300
–200
–100
0
100
200
–20
–15
–10
–5
0
5
10
15
20
VCM (V)
MEAN
MEAN
+3σ
MEA
N –3σ
VSY = ±15V
–15V ≤ VCM ≤ +15V
TA = 25°C
0
–160
–140
–120
–100
–80
–60
–40
–20
100
100k
10k
1k
1M
FREQUENCY (Hz)
VSY = ±15V
VIN = 10V p-p
AV = +1
RL = 10kΩ
2kΩ
+
VIN
CH A
VCC
VEE
+
2kΩ
10kΩ
1kΩ
CH B,
CH C,
CH D
VCC
VEE
0.1
1
10
100
1
10
100
1k
10k
100k
FREQUENCY (Hz)
VSY = ±15V
0.1
1
10
100
1
10
100
1k
10k
100k
FREQUENCY (Hz)
VSY = ±5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com