Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2716 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2716
Description  Dual (Step-up and Step-down) PWM DC/DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2716 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2716 Datasheet HTML 1Page - National Semiconductor (TI) LM2716 Datasheet HTML 2Page - National Semiconductor (TI) LM2716 Datasheet HTML 3Page - National Semiconductor (TI) LM2716 Datasheet HTML 4Page - National Semiconductor (TI) LM2716 Datasheet HTML 5Page - National Semiconductor (TI) LM2716 Datasheet HTML 6Page - National Semiconductor (TI) LM2716 Datasheet HTML 7Page - National Semiconductor (TI) LM2716 Datasheet HTML 8Page - National Semiconductor (TI) LM2716 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LM2716
Dual (Step-up and Step-down) PWM DC/DC Converter
General Description
The LM2716 is composed of two PWM DC/DC converters. A
buck (step-down) converter is used to generate a fixed out-
put voltage. A boost (step-up) converter is used to generate
an adjustable output voltage. Both converters feature low
R
DSON (0.16
Ω and 0.12Ω) internal switches for maximum
efficiency. Operating frequency can be adjusted anywhere
between 300kHz and 600kHz allowing the use of small
external components. External soft-start pins for each en-
ables the user to tailor the soft-start times to a specific
application. Each converter may also be shut down indepen-
dently with its own shutdown pin. The LM2716 is available in
a low profile 24-lead TSSOP package.
Features
n
Fixed buck converter with a 1.8A, 0.16
Ω, internal switch
n
Adjustable boost converter with a 3.6A, 0.12
Ω, internal
switch
n
Adjustable boost output voltage up to 20V
n
Operating input voltage range of 4V to 20V
n
Input undervoltage protection
n
300kHz to 600kHz pin adjustable operating frequency
n
Over temperature protection
n
Small 24-Lead TSSOP package
n
Patented current limit circuitry
Applications
n
TFT-LCD Displays
n
Handheld Devices
n
Portable Applications
n
Cellular Phones/Digital Camers
Typical Application Circuit
20071201
February 2004
© 2004 National Semiconductor Corporation
DS200712
www.national.com


Similar Part No. - LM2716

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2716 NSC-LM2716 Datasheet
563Kb / 17P
Dual (Step-up and Step-down) PWM DC/DC Converter
LM2716MT-ADJ NSC-LM2716MT-ADJ Datasheet
563Kb / 17P
Dual (Step-up and Step-down) PWM DC/DC Converter
LM2716MTX-ADJ NSC-LM2716MTX-ADJ Datasheet
563Kb / 17P
Dual (Step-up and Step-down) PWM DC/DC Converter
More results

Similar Description - LM2716

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1210N301C RICOH-R1210N301C Datasheet
179Kb / 18P
PWM Step-up DC/DC Converter
RH5RH301A RICOH-RH5RH301A Datasheet
199Kb / 29P
PWM STEP-UP DC/DC CONVERTER
logo
National Semiconductor ...
LM2716 NSC-LM2716 Datasheet
563Kb / 17P
Dual (Step-up and Step-down) PWM DC/DC Converter
logo
Anpec Electronics Corop...
APW7077 ANPEC-APW7077 Datasheet
454Kb / 21P
PWM Step-Up DC-DC Converter
logo
Advanced Power Electron...
APE1911 A-POWER-APE1911 Datasheet
330Kb / 9P
STEP-UP PWM DC/DC Converter
APE1912 A-POWER-APE1912 Datasheet
83Kb / 7P
STEP-UP PWM DC/DC CONVERTER
logo
HTC Korea TAEJIN Techno...
MC34063C HTC-MC34063C_11 Datasheet
436Kb / 10P
Step Down / Step Up / Inverting DC-DC Converter
logo
ELM Technology Corporat...
ELM600-SERIES ELM-TECH-ELM600-SERIES Datasheet
1Mb / 7P
PWM step down DC/DC converter
logo
Diodes Incorporated
PAM2421 DIODES-PAM2421 Datasheet
561Kb / 10P
PWM STEP-UP DC-DC CONVERTER
Rev 2
logo
SHOUDING Shouding Semic...
SDB842X SHOUDING-SDB842X Datasheet
1Mb / 7P
PWM Step-Up DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com