Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4891-3ARZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADA4891-3ARZ-R7
Description  Low Cost CMOS, High Speed, Rail-to-Rail Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4891-3ARZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADA4891-3ARZ-R7 Datasheet HTML 10Page - Analog Devices ADA4891-3ARZ-R7 Datasheet HTML 11Page - Analog Devices ADA4891-3ARZ-R7 Datasheet HTML 12Page - Analog Devices ADA4891-3ARZ-R7 Datasheet HTML 13Page - Analog Devices ADA4891-3ARZ-R7 Datasheet HTML 14Page - Analog Devices ADA4891-3ARZ-R7 Datasheet HTML 15Page - Analog Devices ADA4891-3ARZ-R7 Datasheet HTML 16Page - Analog Devices ADA4891-3ARZ-R7 Datasheet HTML 17Page - Analog Devices ADA4891-3ARZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
ADA4891-1/ADA4891-2/ADA4891-3/ADA4891-4
Data Sheet
Rev. F | Page 14 of 24
–10
–20
–30
–90
–80
–70
–60
–50
–40
0.01
0.1
1
10
100
FREQUENCY (MHz)
VS = 5V
Figure 43. CMRR vs. Frequency
–80
–70
–60
–50
–40
–30
–20
–10
0.01
0.1
1
10
100
FREQUENCY (MHz)
+PSRR
–PSRR
Vs = 5V
G = +1
Figure 44. PSRR vs. Frequency
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0.1
1
10
100
1k
FREQUENCY (MHz)
Vs = 5V
G = +2
RL = 1 kΩ
VOUT = 2V p-p
Figure 45. All-Hostile Crosstalk (Output-to-Output) vs. Frequency
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
0.1
1
10
100
1k
FREQUENCY (MHz)
TSSOP
SOIC
VS = 5V
G = +2
RL = 150Ω
Figure 46. Forward Isolation vs. Frequency (ADA4891-3 Only)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
10
20
30
40
50
60
70
80
90
100
VOH, +125°C
VOH, +25°C
VOH, –40°C
VOL, +125°C
VOL, +25°C
VOL, –40°C
ILOAD (mA)
VS = 5V
G = –2
Figure 47. Output Saturation Voltage vs. Load Current and Temperature
3.0
3.5
4.0
4.5
5.0
5.5
6.0
–40
–20
0
20
40
60
80
100
120
VS = 5V
TEMPERATURE (ºC)
Figure 48. Supply Current per Amplifier vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com