Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5111 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5111
Description  Dual 5A Compound Gate Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5111 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM5111 Datasheet HTML 1Page - National Semiconductor (TI) LM5111 Datasheet HTML 2Page - National Semiconductor (TI) LM5111 Datasheet HTML 3Page - National Semiconductor (TI) LM5111 Datasheet HTML 4Page - National Semiconductor (TI) LM5111 Datasheet HTML 5Page - National Semiconductor (TI) LM5111 Datasheet HTML 6Page - National Semiconductor (TI) LM5111 Datasheet HTML 7Page - National Semiconductor (TI) LM5111 Datasheet HTML 8Page - National Semiconductor (TI) LM5111 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Electrical Characteristics (Continued)
T
J = −40˚C to +125˚C, VCC = 12V, VEE = 0V, No Load on OUT_A or OUT_B, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
SWITCHING CHARACTERISTICS
td1
Propagation Delay Time Low to
High, IN rising (IN to OUT)
C
LOAD = 2 nF, see Figure
1
25
40
ns
td2
Propagation Delay Time High to
Low, IN falling (IN to OUT)
C
LOAD = 2 nF, see Figure
1
25
40
ns
t
r
Rise Time
C
LOAD = 2.0 nF, see Figure
1
14
25
ns
t
f
Fall Time
C
LOAD = 2 nF, see Figure
1
12
25
ns
LATCHUP PROTECTION
AEC - Q100, Method 004
T
J = 150˚C
500
mA
Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which operation of the device
is intended to be functional. For guaranteed specifications and test conditions, see the Electrical Characteristics.
Timing Waveforms
20112305
(a)
20112306
(b)
FIGURE 1. (a) Inverting, (b) Non-Inverting
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com