Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIF3 Datasheet(PDF) 1 Page - ELESTA GmbH

Part # SIF3
Description  SIF 3 Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELESTA [ELESTA GmbH]
Direct Link  https://www.elesta-gmbh.com/
Logo ELESTA - ELESTA GmbH

SIF3 Datasheet(HTML) 1 Page - ELESTA GmbH

  SIF3 Datasheet HTML 1Page - ELESTA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© Copyright
11/2014
ELESTA GmbH, Heuteilstrasse 18,
CH - 7310 Bad Ragaz, Switzerland
Fon:
+41 (0)81 303 54 00
Fax:
+41 (0)81 303 54 01
Circuit Diagram (view on relay upper side)
A1
A2
33
34
23
24
11
12
SIF212
Insulation Data
- Double or reinforced insulation
at 250 VAC
- Air and creepage distance
>5,5 mm
- Test voltage
4000 V / 50 Hz / 1 min
Test voltage contact open
1500 V / 50 Hz / 1 min
Creepage resistance
CTI 175
Pollution degree
2
Overvoltage category
III
Insulation resistance at Up 500 VDC
>100 MΩ
Additional Data
Mechanical endurance
>10 x 106 operations
Switching frequency, mechanical
15 Hz
Response time (all NO closed)
typically 12 ms
Drop-out time** (NC closed)
typically 5 ms
Bounce time of NO contact
typically 1,5 ms
Bounce time of NC contact
typically 15 ms
Shock resistance 16 ms
NO > 15g
NC > 6g
Vibration resistance
NO > 10g
(10-200 Hz)
NC > 2g
Resistance to short circuiting NO
1000 A SCPD 10 A gG / gL (pre-fuse)
Resistance to short circuiting NC
1000 A SCPD 6 A gG / gL (pre-fuse)
Ambient temperature
-40°C to +70°C
Thermal resistance
60 K / W
Temperature limit for coil
120°C
Weight
ca. 18 g
Mounting position
any
Type of protection
RT II
Solder bath temperature
270°C / 5 s
**without spark suppression
Tests, Regulations
Approvals
UL File E188953
Sec. 6
Insulation class IEC 60664-1
250 VAC
Protection class II
VDE 0106
Fire protection requirements
UL 94 / V0
Options, Accessories
none available
Product Key
SIF 2 1 2 24VDC
Coil voltage
Soldering tags
Number of NC contacts
Number of NO contacts
Type designation
Contact Lifetime for NO Contacts
AC 1:230V
AC 1:230V
DC 1: 24V
DC 1: 24V
AC 15: 230V
AC 15: 230V
DC 13: 24V
DC 13: 24V
10000
1000
100
10
0,1
0,5
1,0
5,0
10
Maximal switching characteristics (DIN EN 60947-5-1)
AC 1:
250 V / 10 A
AC 15:
230 V / 5 A
DC 1:
24 V / 10 A
DC 13:
24 V / 5 A / 0,1 Hz
UL 508:
B300 / R300
Maximal contact load at AC 1 with 230 V:
2 contacts with 8 A each
Load Limit Curve with Direct Current
1)
0
0,1
0,2
0,3
0,4
0,6
0,8
1
2
3
4
6
8
10
50
100
150
200
250
1
2
Inductive load L/R 40 ms
2) Resistive load
Excitation Voltage Range
1)
0
0
0,5
1,0
1,5
2,0
2,5
3,0
20
40
60
80
100
UB
UN
1
2
Max. excitation voltage with contact load: ≤6 A
2) Min. excitation voltage (guaranteed values) without
previous operation
No heat accumulation due to intrinsic heating of
other components. Continuous duty 100%.
Relay Key Data
- PCB Relay with forcibly guided contacts
- Protective separation between coil and contacts (>5,5
mm) and contacts side by side (>5,5 mm)
- EN50205 type A
- Double and reinforced insulation
- SMD arrangement below relay possible
- Contact Mounting:
SIF212
2 NO / 1 NC
- Compact height: only 10,9 mm
- Nominal coil power 0,60 W
- Holding coil power 0,18 W
- For railway application (EN50155) on request
Dimensions
29,4
4,2
4,2
1
23,2
3,1
3,1
0,5
1,5
33,7
7,6
5,1
1,5 15,4 7,5
7,6
20,8
5,3
7,5 1,8
* **
*
*
*
Ø1
,3
[mm]
* Do not drill if SMD arrangement
** Open breathing hole
Contact Data
Contact material
AgCuNi + 0,2 µm Au
Type of contact
Single contact with notched crown
Rated switching capacity
250 VAC 10 A AC1 2500 VA
Electr. life AC 1(360 cycles / h)
approx.100000
Inrush current max.
30 A for 20 ms
Switching voltage range
5 to 250 VDC / VAC
Switching current range*
3 mA to 10 A
Switching capacity range*
40 mW to 2500 W(VA)
Contact resitance (as delivered)
≤100 mΩ / 6 V / 100 mA
*Guided values
Standard coils for direct current
(other voltages on request)
5
≤3,5
≥0,5
120,0
41,6 ± 10%
12
≤8,4
≥1,2
50,0
240 ± 10%
18
≤12,6
≥1,8
33,3
540 ± 10%
20
≤14,0
≥2,0
30,0
665 ± 10%
24
≤16,8
≥2,4
25,0
960 ± 10%
48
≤33,6
≥4,8
12,5
3840 ± 10%
60
≤42,0
≥6,0
10,0
6000 ± 13%
110
≤77,0
≥11,0
5,4
20165 ± 15%
SIF 3 Series
Ambient Temperature °C →
Voltage (VDC) →
Switching Current (A) →


Similar Part No. - SIF3

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SIF-21.4 MINI-SIF-21.4 Datasheet
180Kb / 1P
Bandpass Filter
SIF-21.4+ MINI-SIF-21.4+ Datasheet
180Kb / 1P
Bandpass Filter
SIF-30 MINI-SIF-30 Datasheet
179Kb / 1P
Bandpass Filter
SIF-30+ MINI-SIF-30+ Datasheet
179Kb / 1P
Bandpass Filter
SIF-40 MINI-SIF-40 Datasheet
82Kb / 1P
50廓 Constant Impedance 35 to 49 MHz
More results

Similar Description - SIF3

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52317SP MITSUBISHI-M52317SP Datasheet
249Kb / 10P
MULTIPLE SIF CONVERTER
logo
STMicroelectronics
STV8225 STMICROELECTRONICS-STV8225 Datasheet
90Kb / 6P
AM SIF CIRCUIT
Feb-1995
logo
Hitachi Semiconductor
M61111FP HITACHI-M61111FP Datasheet
271Kb / 20P
Coil-less VIF/SIF
logo
Sanyo Semicon Device
N6804 SANYO-N6804 Datasheet
1Mb / 15P
VIF/SI SIF
logo
New Japan Radio
NJM2542 NJRC-NJM2542 Datasheet
97Kb / 6P
VIF/ SIF DEMODULATOR
logo
Renesas Technology Corp
M51496P RENESAS-M51496P Datasheet
4Mb / 15P
VIF/SIF
M52317SP RENESAS-M52317SP Datasheet
2Mb / 11P
MULTIPLE SIF CONVERTER
logo
ELESTA GmbH
SIF4 ELESTA-SIF4 Datasheet
279Kb / 1P
SIF 4 Series
SIF6 ELESTA-SIF6 Datasheet
177Kb / 1P
SIF 6 Series
logo
Rohm
BA7358S ROHM-BA7358S Datasheet
250Kb / 15P
VIF/SIF signal processor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com