Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2290 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # LPC2290
Description  16/32-bit ARM microcontrollers with CAN, 10-bit ADC and external memory interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2290 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button LPC2290 Datasheet HTML 30Page - NXP Semiconductors LPC2290 Datasheet HTML 31Page - NXP Semiconductors LPC2290 Datasheet HTML 32Page - NXP Semiconductors LPC2290 Datasheet HTML 33Page - NXP Semiconductors LPC2290 Datasheet HTML 34Page - NXP Semiconductors LPC2290 Datasheet HTML 35Page - NXP Semiconductors LPC2290 Datasheet HTML 36Page - NXP Semiconductors LPC2290 Datasheet HTML 37Page - NXP Semiconductors LPC2290 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 41 page
background image
Philips Semiconductors
LPC2290
16/32-bit ARM microcontrollers with external memory interface
Preliminary data
Rev. 01 — 09 February 2004
34 of 41
9397 750 12874
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
[1]
Except on initial access, in which case the address is set up tCYC earlier.
tAVDV
Burst-ROM Initial Memory Access Time
(latest of Address Valid, CS LOW, OE
LOW to Data Valid)
(tCYC*(2 + WST1)) + (−20) -
ns
tAVDV
Burst-ROM Subsequent Memory Access
Time (Address Valid to Data Valid)
tCYC +(−20)
-
ns
tSTHDNV
Data Hold Time (earliest of CS HIGH, OE
HIGH, Address Change to Data Invalid)
0-
ns
tCSHOEH
CS HIGH to OE HIGH
−55
ns
tOEHANV
OE HIGH to Address Invalid
−55
ns
tCHOEL
XCLK HIGH to OE LOW
−55
ns
tCHOEH
XCLK HIGH to OE HIGH
−55
ns
Write Cycle Parameters
tAVCSLW
Address Valid to CS LOW
tCYC − 10 [1]
-ns
tCSLDVW
CS LOW to Data Valid
−55
ns
tCSLWEL
CS LOW to WE LOW
−55
ns
tCSLBLSL
CS LOW to BLS LOW
−55
ns
tWELDV
WE LOW to Data Valid
−55
ns
tCSLDV
CS LOW to Data Valid
−55
ns
tWELWEH
WE LOW to WE HIGH
tCYC × (1 + WST2) − 5tCYC*(1 + WST2) + 5
ns
tWELWEH
BLS LOW to BLS HIGH
tCYC × (1 + WST2) − 5tCYC*(1 + WST2) + 5
ns
tWEHANV
WE HIGH to Address Invalid
tCYC−5tCYC +5
ns
tWEHDNV
WE HIGH to Data Invalid
(2
× tCYC)−5(2 × tCYC)+5
ns
tBLSHANV
BLS HIGH to Address Invalid
tCYC−5tCYC +5
ns
tBLSHDNV
BLS HIGH to Data Invalid
(2
× tCYC)−5(2 × tCYC)+5
ns
tCHDV
XCLK HIGH to Data Valid
-
10
ns
tCHWEL
XCLK HIGH to WE LOW
-
10
ns
tCHHBLSL
XCLK HIGH to BLS LOW
-
10
ns
tAVCSL
XCLK HIGH to WE HIGH
-
10
ns
tAVCSL
XCLK HIGH to BLS HIGH
-
10
ns
tAVCSL
XCLK HIGH to Data Invalid
-
10
ns
Table 13:
External memory interface AC characteristics. CL =25pF. Tamb =40 °C…continued
Symbol
Description
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com