Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM6154 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM6154
Description  Dual and Quad High Speed/Low Power 75 MHz GBW Rail-to-Rail I/O Operational Amplifiers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6154 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM6154 Datasheet HTML 3Page - National Semiconductor (TI) LM6154 Datasheet HTML 4Page - National Semiconductor (TI) LM6154 Datasheet HTML 5Page - National Semiconductor (TI) LM6154 Datasheet HTML 6Page - National Semiconductor (TI) LM6154 Datasheet HTML 7Page - National Semiconductor (TI) LM6154 Datasheet HTML 8Page - National Semiconductor (TI) LM6154 Datasheet HTML 9Page - National Semiconductor (TI) LM6154 Datasheet HTML 10Page - National Semiconductor (TI) LM6154 Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Typical Performance
Characteristics (Continued)
Application Information
The LM6152/6154 is ideally suited for operation with about
10k
Ω (Feedback Resistor, R
F) between the output and the
negative input terminal.
With R
F set to this value, for most applications requiring a
close loop gain of 10 or less, an additional small compensa-
tion capacitor (C
F) (see Figure 1) is recommended across RF
in order to achieve a reasonable overshoot (10%) at the out-
put by compensating for stray capacitance across the inputs.
The optimum value for C
F can best be established experi-
mentally with a trimmer cap in place since its value is depen-
dant on the supply voltage, output driving load, and the oper-
ating gain. Below, some typical values used in an inverting
configuration and driving a 10k
Ω load have been tabulated
for reference:
TABLE 1. Typical BW (−3 dB) at Various
Supply Voltage and Gains
V
S
Volts
Gain
C
F
pF
BW (−3 dB)
MHz
3
−1
5.6
4
−10
6.8
1.97
−100
None
0.797
24
−1
2.2
6.6
−10
4.7
2.2
−100
None
0.962
In the non-inverting configuration, the LM6152/6154 can be
used for closed loop gains of +2 and above. In this case,
also, the compensation capacitor (C
F)
is recommended
across R
F (= 10 kΩ) for gains of 10 or less.
Because of the unique structure of this amplifier, when used
at low closed loop gains, the realizable BW will be much less
than the GBW product would suggest.
The LM6152/6154 brings a new level of ease of use to op
amp system design.
The greater than rail-to-rail input voltage range eliminates
concern over exceeding the common-mode voltage range.
The rail-to-rail output swing provides the maximum possible
dynamic range at the output. This is particularly important
when operating on low supply voltages.
The high gain-bandwidth with low supply current opens new
battery powered applications where higher power consump-
tion previously reduced battery life to unacceptable levels.
The ability to drive large capacitive loads without oscillating
functional removes this common problem.
To take advantage of these features, some ideas should be
kept in mind.
The LM6152/6154, capacitive loads do not lead to oscilla-
tions, in all but the most extreme conditions, but they will re-
sult in reduced bandwidth. They also cause increased set-
tling time.
Unlike most bipolar op amps, the unique phase reversal
prevention/speed-up circuit in the input stage, caused the
slew rate to be very much a function of the input pulse ampli-
tude. This results in a 10 to 1 increase in slew rate when the
differential input signal increases. Large fast pulses will raise
the slew-rate to more than 30V/µs.
The speed-up action adds stability to the system when driv-
ing large capacitive loads.
A conventional op amp exhibits a fixed maximum slew-rate
even though the differential input voltage rises due to the
lagging output voltage. In the LM6152/6154, increasing lag
causes the differential input voltage to increase but as it
does, the increased slew-rate keeps the output following the
input much better. This effectively reduces phase lag. As a
result, the LM6152/6154 can drive capacitive loads as large
as 470 pF at gain of 2 and above, and not oscillate.
Capacitive loads decrease the phase margin of all op amps.
This can lead to overshoot, ringing and oscillation. This is
caused by the output resistance of the amplifier and the load
capacitance forming an R-C phase shift network. The
LM6152/6154 senses this phase shift and partly compen-
sates for this effect.
Total Harmonic Distortion
vs. Frequency
DS012350-31
DS012350-30
FIGURE 1. Typical Inverting Gain Circuit A
V = −1
DS012350-21
FIGURE 2. Slew Rate vs. V
diff
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com