Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM6181AIM Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM6181AIM
Description  100 mA, 100 MHz Current Feedback Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6181AIM Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button LM6181AIM Datasheet HTML 15Page - National Semiconductor (TI) LM6181AIM Datasheet HTML 16Page - National Semiconductor (TI) LM6181AIM Datasheet HTML 17Page - National Semiconductor (TI) LM6181AIM Datasheet HTML 18Page - National Semiconductor (TI) LM6181AIM Datasheet HTML 19Page - National Semiconductor (TI) LM6181AIM Datasheet HTML 20Page - National Semiconductor (TI) LM6181AIM Datasheet HTML 21Page - National Semiconductor (TI) LM6181AIM Datasheet HTML 22Page - National Semiconductor (TI) LM6181AIM Datasheet HTML 23Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
Connection Diagrams (For Ordering Information See Back Page)
Ordering Information
Package
Temperature Range
NSC
Drawing
Military
Industrial
−55˚C to +125˚C
−40˚C to +85˚C
8-Pin
LM6181AMN
LM6181AIN
N08E
Molded DIP
LM6181IN
8-Pin Small Outline
LM6181AIM-8
M08A
Molded Package
LM6181IM-8
16-Pin
LM6181AIM
M16A
Small Outline
LM6181IM
8-Pin
LM6181AMJ/883
J08A
Ceramic DIP
8–Pin Dual-In-Line Package (N)/
Small Outline (M-8)
DS011328-3
Order Number LM6181IN, LM6181AIN,
LM6181AMN, LM6181AIM-8, LM6181IM-8
or LM6181AMJ/883
See NS Package Number J08A, M08A or N08E
16-Pin Small Outline Package (M)
DS011328-4
*Heat sinking pins (Note 3)
Order Number LM6181IM or LM6181AIM
See NS Package Number M16A
www.national.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com