Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IQS231A Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # IQS231A
Description  Integrated SAR user interface offering a simple GPIO output
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IQS231A Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button IQS231A Datasheet HTML 17Page - List of Unclassifed Manufacturers IQS231A Datasheet HTML 18Page - List of Unclassifed Manufacturers IQS231A Datasheet HTML 19Page - List of Unclassifed Manufacturers IQS231A Datasheet HTML 20Page - List of Unclassifed Manufacturers IQS231A Datasheet HTML 21Page - List of Unclassifed Manufacturers IQS231A Datasheet HTML 22Page - List of Unclassifed Manufacturers IQS231A Datasheet HTML 23Page - List of Unclassifed Manufacturers IQS231A Datasheet HTML 24Page - List of Unclassifed Manufacturers IQS231A Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
ProxSense
® Series
Copyright © Azoteq 2016
IQS231A Datasheet v1.3
Page 21 of 36
All Rights Reserved
Check for latest datasheet
December 2016
9 Full programming reference
A detailed list of the I
2C registers follows and follows the structure of the memory map
summary on page 8.
ADDR
Register name
Bit
Description
xxH
MAIN_EVENTS
7
n/a
6
DEBUG
– Debug events are disabled by default. In order to
report debug events, enable debug events in register 0x03 and
read debug event in register 0x02 when this bit is set.
5
SENSING DISABLED
– An indication of forced or implied times
when no sensing signals are applied to the sense pin. When this
bit is set and bit 2 is cleared, sensing is disabled. When this bit
and bit 2 is set, sensing is enabled again.
4
WARM BOOT
– A software reset command in register 0x04 will
lead to a warm boot. This will imply a reset for the user
interface, re-calibration, and hand-held power on detection will
be forced if enabled.
3
COLD BOOT
– A hard reset (power supply cycle) will cause all
registers to return to a default value. This indicator will imply the
need to re-initialize the device.
2
RELEASE
– A touch, prox or sensing event may be paired with
a release indication to show an exit of the flagged event.
1
TOUCH
– Disabled by default, this bit will be active when a
touch and prox user interface is chosen.
0
PROX - The main feedback bit to indicate an activation
00H
PRODUCT_
NUMBER
n/a
The product number is fixed at 0x40
01H
SOFTWARE_
VERSION
n/a
The software version is 0x06 for IQS231A
02H
DEBUG_
EVENTS
7
n/a
6
ATI_ERROR
– when a recalibration cannot converge, due to
external tampering or instability, this bit will indicate the error
and implies that the calibration does not offer optimal sensitivity.
The PROX event in the main events register will be set along
with this bit in such case.
5
CH0_ATI
– An indication that a recalibration of the proximity
sensing channel has occurred. With calibration, the PROX
output in main events will be set and after calibration, the PROX
output will release.
4
n/a
3
QUICK RELEASE
– The quick release feature is a single event
that is indicated here. This event will always imply an “ENTER
MOV DETECT”, but is not the only event that causes movement
detection to be activated.
2
EXIT MOV DETECT
– The user interface dictates when the
movement channel is deactivated. The deactivation of
movement sensing will be reported in this bit.
1
ENTER MOV DETECT
– Movement detection is user interface
dependant and not continually active. Movement detection
implies that a separate movement channel is activated. This
activation will be reported in this bit.
0
MOVEMENT
– Each trigger detected by the movement
algorithm is reported as an event that resets along with each
read operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com