Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9130B Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 9130B
Description  Three independent and electrically isolated outputs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9130B Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  9130B Datasheet HTML 1Page - List of Unclassifed Manufacturers 9130B Datasheet HTML 2Page - List of Unclassifed Manufacturers 9130B Datasheet HTML 3Page - List of Unclassifed Manufacturers 9130B Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.bkprecision.com
Programmable Triple Output DC Power Supplies
9130B Series
3
Flexible operation
Combined series mode
Channels 1 and 2 can be wired in series to
increase the voltage. Selecting Series Combined
Mode provides convenient metering of the
channels connected in series.
Test system integration
These power supplies offer standard USB, RS-232, and GPIB interfaces to facilitate test system
development and integration. The 9130B Series supports SCPI-compliant protocols and come with
LabVIEW™ drivers.
Application software
PC software is provided for front panel emulation, generating and executing test sequences or logging
measurement data without the need to write source code.
I
Remote monitoring on iOS, Android, or Windows 8 compatible tablets or smartphones via NI Data
Dashboard for LabVIEW apps.
I
Log voltage, current, and power values of each channel as well as timestamp, CV/CC mode, and output
status.
I
Quickly develop a custom dashboard with indicators, charts, or gauges to monitor your power supply.
I
Create an unlimited number of external list files to be executed from PC memory. Save and recall list
files to/from the PC.
Channels 1 and 2, 2 and 3, or All channels can
be wired in parallel to increase the current.
Selecting Parallel Combined Mode provides
convenient metering of the channels connected
in parallel.
Ch1 and Ch2 in Series mode
All Channels in Parallel mode
Tracking mode options
Ch1 and Ch2 in Tracking mode
Tracking mode
Tracking mode can be used to simplify
adjustments across multiple channels by
maintaining a user-defined ratio between outputs.
Tracking mode can be set on channels 1 and 2, 2
and 3, or All channels.
Combined parallel mode
Bipolar output configuration
+VDC
OVDC
+
Channel 2
Channel 1
-VDC
Remote control and programming
Track
CH1+CH2
CH2+CH3
ALL
60.000V
20.000V
5.000V
3.000A
1.000A
3.000A
5.000V
Para
Para
9.000A
ALL
ALL
120.00V
Series
5.000V
3.000A
CH1+2
3.000A
This feature is useful for powering bipolar
circuits and devices.
The independent and isolated outputs can be
used to create positive and negative outputs
between channels 1 and 2.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com