Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS-00951 Datasheet(PDF) 2 Page - All Sensors Corporation

Part # DS-00951
Description  Millivolt Output Pressure Sensors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

DS-00951 Datasheet(HTML) 2 Page - All Sensors Corporation

  DS-00951 Datasheet HTML 1Page - All Sensors Corporation DS-00951 Datasheet HTML 2Page - All Sensors Corporation DS-00951 Datasheet HTML 3Page - All Sensors Corporation DS-00951 Datasheet HTML 4Page - All Sensors Corporation DS-00951 Datasheet HTML 5Page - All Sensors Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Millivolt H-Grade Pressure Sensors
Minimum
--
39.5
--
--
--
--
Parameter, note 1
Operating Range, differential pressure
Output Span, note 5
Offset Voltage @ zero differential pressure
Offset Temperature Shift (0°C-70°C), note 2
Linearity, hysteresis error, note 4
Span Shift (0°C-70°C), note 2
Nominal
4
40.0
--
--
0.25
--
Maximum
--
40.5
±0.5
±500
0.5
±1
Units
“H2O
mV
mV
uV
%fs
%fs
Minimum
--
19.8
--
--
--
--
Parameter, note 1
Operating Range, differential pressure
Output Span, note 5
Offset Voltage @ zero differential pressure
Offset Temperature Shift (0°C-70°C), note 2
Linearity, hysteresis error, note 4
Span Shift (0°C-70°C), note 2
Nominal
0.3
20.0
--
--
0.25
--
Maximum
--
20.2
±0.3
±500
0.5
±1
Units
PSI
mV
mV
uV
%fs
%fs
Part Number
4 INCH-D-HGRADE-MV
0.3 PSI-D-HGRADE-MV
1 PSI-D-HGRADE-MV
5 PSI-D-HGRADE-MV
15 PSI-D-HGRADE-MV
30 PSI-D-HGRADE-MV
100 PSI-D-HGRADE-MV
150 PSI-D-HGRADE-MV
15 PSI-A-HGRADE-MV
30 PSI-A-HGRADE-MV
100 PSI-A-HGRADE-MV
Operating Pressure
0 - 4” H2O
0 - 0.3 PSI
0 - 1 PSI
0 - 5 PSI
0 - 15 PSI
0 - 30 PSI
0 - 100 PSI
0 - 150 PSI
0 - 15 PSIA
0 - 30 PSIA
0 - 100 PSIA
Nominal Span
40 mV
20 mV
18 mV
60 mV
90 mV
90 mV
100 mV
90 mV
90 mV
90 mV
100 mV
Proof Pressure
3 PSI
5 PSI
5 PSI
10 PSI
60 PSI
90 PSI
200 PSI
200 PSI
60 PSIA
90 PSIA
200 PSIA
Burst Pressure
15 PSI
15 PSI
15 PSI
30 PSI
120 PSI
150 PSI
250 PSI
250 PSI
120 PSIA
150 PSIA
250 PSIA
Standard Pressure Ranges
Supply Voltage, Vs
Common-mode pressure
Lead Temperature
(soldering 2-4 sec.)
16 Vdc
50 psig
250°C
Pressure Sensor Characteristics Maximum Ratings
Temperature Ranges
Compensated
Operating
Storage
Humidity Limits
0 to 70° C
-25 to 85° C
-40 to 125° C
0 to 95% RH
(non condensing)
Environmental Specifications
Performance Characteristics for 4 INCH-D-HGRADE-MV
Performance Characteristics for 0.3 PSI-D-HGRADE-MV



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com