Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1206C104F1GACTU Datasheet(PDF) 20 Page - Kemet Corporation

Part # C1206C104F1GACTU
Description  C0G Dielectric, 10 - 250 VDC (Commercial Grade)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1206C104F1GACTU Datasheet(HTML) 20 Page - Kemet Corporation

Back Button C1206C104F1GACTU Datasheet HTML 13Page - Kemet Corporation C1206C104F1GACTU Datasheet HTML 14Page - Kemet Corporation C1206C104F1GACTU Datasheet HTML 15Page - Kemet Corporation C1206C104F1GACTU Datasheet HTML 16Page - Kemet Corporation C1206C104F1GACTU Datasheet HTML 17Page - Kemet Corporation C1206C104F1GACTU Datasheet HTML 18Page - Kemet Corporation C1206C104F1GACTU Datasheet HTML 19Page - Kemet Corporation C1206C104F1GACTU Datasheet HTML 20Page - Kemet Corporation C1206C104F1GACTU Datasheet HTML 21Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1003_C0G • 3/30/2016 20
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) – C0G Dielectric, 10 – 250 VDC (Commercial Grade)
KEMET Corporation
World Headquarters
2835 KEMET Way
Simpsonville, SC 29681
MailingAddress:
P.O. Box 5928
Greenville, SC 29606
www.kemet.com
Tel: 864-963-6300
Fax: 864-963-6521
Corporate Offices
FortLauderdale,FL
Tel:954-766-2800
North America
Northeast
Wilmington,MA
Tel:978-658-1663
Southeast
Lake Mary, FL
Tel:407-855-8886
Central
Novi, MI
Tel: 248-994-1030
Irving,TX
Tel:972-915-6041
West
Milpitas, CA
Tel: 408-433-9950
Mexico
Guadalajara,Jalisco
Tel: 52-33-3123-2141
Europe
Southern Europe
Sasso Marconi, Italy
Tel: 39-051-939111
Skopje,Macedonia
Tel: 389-2-55-14-623
Central Europe
Landsberg,Germany
Tel: 49-8191-3350800
Kamen, Germany
Tel:49-2307-438110
Northern Europe
Wyboston,UnitedKingdom
Tel:44-1480-273082
Espoo, Finland
Tel: 358-9-5406-5000
Asia
Northeast Asia
HongKong
Tel: 852-2305-1168
Shenzhen,China
Tel:86-755-2518-1306
Beijing,China
Tel:86-10-5877-1075
Shanghai,China
Tel:86-21-6447-0707
Seoul,SouthKorea
Tel: 82-2-6294-0550
Taipei, Taiwan
Tel:886-2-27528585
Southeast Asia
Singapore
Tel:65-6701-8033
Penang,Malaysia
Tel: 60-4-6430200
Bangalore,India
Tel:91-806-53-76817
Note: KEMET reserves the right to modify minor details of internal and external construction at any time in the interest of product improvement. KEMET does not
assume any responsibility for infringement that might result from the use of KEMET Capacitors in potential circuit designs. KEMET is a registered trademark of
KEMET Electronics Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com