Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9163BBCZ Datasheet(PDF) 35 Page - Analog Devices

Part # AD9163BBCZ
Description  DAC update rate up to 12 GSPS
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9163BBCZ Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9163BBCZ Datasheet HTML 31Page - Analog Devices AD9163BBCZ Datasheet HTML 32Page - Analog Devices AD9163BBCZ Datasheet HTML 33Page - Analog Devices AD9163BBCZ Datasheet HTML 34Page - Analog Devices AD9163BBCZ Datasheet HTML 35Page - Analog Devices AD9163BBCZ Datasheet HTML 36Page - Analog Devices AD9163BBCZ Datasheet HTML 37Page - Analog Devices AD9163BBCZ Datasheet HTML 38Page - Analog Devices AD9163BBCZ Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 124 page
background image
AD9163
Data Sheet
Rev. 0 | Page 34 of 123
Figure 95 and Figure 96 are provided as points of reference for
hardware designers and show the insertion loss for various
lengths of well laid out stripline and microstrip transmission
lines, respectively. See the Hardware Considerations section for
specific layout recommendations for the JESD204B channel.
Low power mode is recommended if the insertion loss of the
JESD204B PCB channels is less than that of the most lossy
supported channel for low power mode (shown in Figure 93). If
the insertion loss is greater than that, but still less than that of
the most lossy supported channel for normal mode (shown in
Figure 93), use normal mode. At 12.5 Gbps operation, the
equalizer in normal mode consumes about 4 mW more power
per lane used than in low power equalizer mode. Note that either
mode can be used in conjunction with transmitter preemphasis
to ensure functionality and/or optimize for power.
–40
–35
–30
–25
–20
–15
–10
–5
0
0
1
2
3
4
5
6
7
8
9
10
FREQUENCY (GHz)
STRIPLINE = 6"
STRIPLINE = 10"
STRIPLINE = 15"
STRIPLINE = 20"
STRIPLINE = 25"
STRIPLINE = 30"
Figure 95. Insertion Loss of 50 Ω Striplines on FR4
–40
–35
–30
–25
–20
–15
–10
–5
0
0
1
2
3
4
5
6
7
8
9
10
FREQUENCY (GHz)
6" MICROSTRIP
10" MICROSTRIP
15" MICROSTRIP
20" MICROSTRIP
25" MICROSTRIP
30" MICROSTRIP
Figure 96. Insertion Loss of 50 Ω Microstrips on FR4
DATA LINK LAYER
The data link layer of the AD9163 JESD204B interface accepts
the deserialized data from the PHYs and deframes and descrambles
them so that data octets are presented to the transport layer to be
put into DAC samples. The architecture of the data link layer is
shown in Figure 97. The data link layer consists of a
synchronization FIFO for each lane, a crossbar switch, a deframer,
and a descrambler.
The AD9163 can operate as a single-link high speed JESD204B
serial data interface. All eight lanes of the JESD204B interface
handle link layer communications such as code group synch-
ronization (CGS), frame alignment, and frame synchronization.
The AD9163 decodes 8-bit/10-bit control characters, allowing
marking of the start and end of the frame and alignment
between serial lanes. Each AD9163 serial interface link can issue
a synchronization request by setting its SYNCOUT± signal low.
The synchronization protocol follows Section 4.9 of the JESD204B
standard. When a stream of four consecutive /K/ symbols is
received, the AD9163 deactivates the synchronization request
by setting the SYNCOUT± signal high at the next internal
LMFC rising edge. Then, the AD9163 waits for the transmitter
to issue an initial lane alignment sequence (ILAS). During the
ILAS, all lanes are aligned using the /A/ to /R/ character transition
as described in the JESD204B Serial Link Establishment section.
Elastic buffers hold early arriving lane data until the alignment
character of the latest lane arrives. At this point, the buffers for
all lanes are released and all lanes are aligned (see Figure 98).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com