Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP2502X Datasheet(PDF) 33 Page - Microchip Technology

Part # MCP2502X
Description  CAN I/O EXPANDER FAMILY
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2502X Datasheet(HTML) 33 Page - Microchip Technology

Back Button MCP2502X Datasheet HTML 29Page - Microchip Technology MCP2502X Datasheet HTML 30Page - Microchip Technology MCP2502X Datasheet HTML 31Page - Microchip Technology MCP2502X Datasheet HTML 32Page - Microchip Technology MCP2502X Datasheet HTML 33Page - Microchip Technology MCP2502X Datasheet HTML 34Page - Microchip Technology MCP2502X Datasheet HTML 35Page - Microchip Technology MCP2502X Datasheet HTML 36Page - Microchip Technology MCP2502X Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
  0L.UR.KLS 7H.KQRORJ\ ,Q.
3UHOLPLQDU\
'6%SDJH 
0&3;;
5(*,67(5 
35 3(5,2' 5(*,67(5
5(*,67(5 
3:0'&+ 3:0 '87< &<&/( 833(5 (,*+7 %,76
5(*,67(5 
3:0'&+ 3:0 '87< &<&/( 833(5 (,*+7 %,76
7$%/(  5(*,67(56 $662&,$7(' :,7+ 7+( 3:0 02'8/(
5:[
5:[
5:[
5:[
5:[
5:[
5:[
5:[
35%
35%
35%35%
35%
35%
35%
35%
5 5HDGDEOH ELW
ELW
ELW
: :ULWDEOH ELW
8 8QLPSOHPHQWHG
UHDG DV µ¶
ELW  35%35% 3:0 3HULRG 5HJLVWHU
5:[
5:[
5:[
5:[
5:[
5:[
5:[
5:[
'&%
'&%
'&%
'&%
'&%'&%
'&%
'&%
5 5HDGDEOH ELW
ELW
ELW
: :ULWDEOH ELW
8 8QLPSOHPHQWHG
UHDG DV µ¶
ELW  '&%'&% 3:0 8SSHU (LJKW%LWV RI WKH 'XW\ &\.OH
5:[
5:[
5:[
5:[
5:[
5:[
5:[
5:[
'&%
'&%
'&%
'&%
'&%'&%
'&%
'&%
5 5HDGDEOH ELW
ELW
ELW
: :ULWDEOH ELW
8 8QLPSOHPHQWHG
UHDG DV µ¶
ELW  '&%'&% 3:0 8SSHU (LJKW%LWV RI WKH 'XW\ &\.OH
$GGU
1DPH
ELW
ELW
ELW
ELW
ELW
ELW
ELW
ELW
9DOXH RQ
325
9DOXH RQ
567
K
*3''5
²
''5
''5
''5
''5
''5
''5
''5
 
 
K
7&21
70521
²
7&.36
7&.36
²
²
'&%
'&%
 [[
 XX
K
7&21
70521
²
7&.36
7&.36
²
²
'&%
'&%
 [[
 XX
K
35
7LPHU  0RGXOH¶V 3HULRG 5HJLVWHU
   
K
35
7LPHU  0RGXOH¶V 3HULRG 5HJLVWHU
   
K
3:0'&+
'&%
'&%
'&%
'&%
'&%
'&%
'&%
'&%
[[[[ [[[[ XXXXXXXX
$K
3:0'&+
'&%
'&%
'&%
'&%
'&%
'&%
'&%
'&%
[[[[ [[[[ XXXXXXXX
/HJHQG [ XQNQRZQ 8 XQ.KDQJHG  XQLPSOHPHQWHG UHDG DV µ¶ 6KDGHG .HOOV DUH QRW XVHG E\ PRGXOH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com