Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC429LP4 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC429LP4
Description  Low noise MMIC VCO w/Buffer Amplifi er for
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC429LP4 Datasheet(HTML) 1 Page - Analog Devices

  HMC429LP4 Datasheet HTML 1Page - Analog Devices HMC429LP4 Datasheet HTML 2Page - Analog Devices HMC429LP4 Datasheet HTML 3Page - Analog Devices HMC429LP4 Datasheet HTML 4Page - Analog Devices HMC429LP4 Datasheet HTML 5Page - Analog Devices HMC429LP4 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
11
11 - 72
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
General Description
Features
Functional Diagram
The HMC429LP4 & HMC429LP4E are GaAs InGaP
Heterojunction Bipolar Transistor (HBT) MMIC VCOs
with
integrated
resonators,
negative
resistance
devices,
varactor
diodes,
and
buffer
amplifiers.
Covering 4.45 to 5.0 GHz, the VCO’s phase noise
performance is excellent over temperature, shock,
vibration and process due to the oscillator’s monolithic
structure.
Power output is 4.0 dBm typical from a
single supply of 3.0V @ 30mA. The voltage controlled
oscillator is packaged in a low cost leadless QFN 4x4
mm surface mount package.
Pout: +4.0 dBm
Phase Noise: -105 dBc/Hz @100 KHz
No External Resonator Needed
Single Supply: 3V @ 30 mA
QFN Leadless SMT Package, 16 mm2
Typical Applications
Low noise MMIC VCO w/Buffer Amplifier for:
• 802.11a, HiperLAN WLAN
• VSAT, UNII & Microwave Radio
• Test Equipment & Industrial Controls
• Military
Electrical Specifications, T
A = +25° C, Vcc = +3V
Parameter
Min.
Typ.
Max.
Units
Frequency Range
4.45 - 5.0
GHz
Power Output
1.0
4.0
dBm
SSB Phase Noise @ 100 kHz Offset, Vtune= +5V @ RF Output
-105
dBc/Hz
Tune Voltage (Vtune)
0
10
V
Supply Current (Icc) (Vcc = +3.0V)
30
mA
Tune Port Leakage Current
10
μA
Output Return Loss
6dB
Harmonics
2nd
3rd
-11
-23
dBc
dBc
Pulling (into a 2.0:1 VSWR)
10
MHz pp
Pushing @ Vtune= +5V
14
MHz/V
Frequency Drift Rate
0.4
MHz/°C
MMIC VCO w/ BUFFER
AMPLIFIER, 4.45 - 5.0 GHz
v02.0805
HMC429LP4 / 429LP4E
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC429LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC429LP4 HITTITE-HMC429LP4 Datasheet
274Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 4.45 - 5.0 GHz
HMC429LP4 HITTITE-HMC429LP4 Datasheet
244Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 4.45 - 5.0 GHz
HMC429LP4 HITTITE-HMC429LP4 Datasheet
244Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 4.45 - 5.0 GHz
HMC429LP4 HITTITE-HMC429LP4 Datasheet
244Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 4.45 - 5.0 GHz
HMC429LP4E HITTITE-HMC429LP4E Datasheet
244Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 4.45 - 5.0 GHz
More results

Similar Description - HMC429LP4

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZFL-500HLN MINI-ZFL-500HLN Datasheet
103Kb / 2P
Low Noise Amplifi er
logo
RF Micro Devices
RFVC1821 RFMD-RFVC1821 Datasheet
435Kb / 6P
Low Noise MMIC VCO with Buffer Amplifier
RFVC1824 RFMD-RFVC1824 Datasheet
652Kb / 6P
Low Noise MMIC VCO with Buffer Amplifier
RFVC1825 RFMD-RFVC1825 Datasheet
662Kb / 6P
Low Noise MMIC VCO with Buffer Amplifier
RFVC1829 RFMD-RFVC1829 Datasheet
699Kb / 6P
Low Noise MMIC VCO with Buffer Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-675T6 AVAGO-MGA-675T6 Datasheet
206Kb / 16P
Low Noise Amplifi er
MGA-52543 AVAGO-MGA-52543 Datasheet
98Kb / 8P
Low Noise Amplifi er
logo
Analog Devices
HMC431LP4 AD-HMC431LP4 Datasheet
661Kb / 6P
MMIC VCO w/ BUFFER
HMC586LC4B AD-HMC586LC4B Datasheet
280Kb / 6P
WIDEBAND MMIC VCO w/ BUFFER
logo
Broadcom Corporation.
MGA-52543 BOARDCOM-MGA-52543 Datasheet
98Kb / 8P
Low Noise Amplifi er
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com