Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC429LP4E Datasheet(PDF) 2 Page - Analog Devices

Part # HMC429LP4E
Description  Low noise MMIC VCO w/Buffer Amplifi er for
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC429LP4E Datasheet(HTML) 2 Page - Analog Devices

  HMC429LP4E Datasheet HTML 1Page - Analog Devices HMC429LP4E Datasheet HTML 2Page - Analog Devices HMC429LP4E Datasheet HTML 3Page - Analog Devices HMC429LP4E Datasheet HTML 4Page - Analog Devices HMC429LP4E Datasheet HTML 5Page - Analog Devices HMC429LP4E Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
11
11 - 73
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Frequency vs. Tuning Voltage, T= 25°C
Sensitivity vs. Tuning Voltage, Vcc= +3V
Typical SSB Phase Noise @ Vtune= +5V
Phase Noise vs. Tuning Voltage
Frequency vs. Tuning Voltage, Vcc= +3V
Output Power vs.
Tuning Voltage, Vcc= +3V
4
4.2
4.4
4.6
4.8
5
5.2
01
234
5678
9
10
Vcc=2.75V
Vcc=3.0V
Vcc=3.25V
TUNING VOLTAGE (VOLTS)
4
4.2
4.4
4.6
4.8
5
5.2
01
234
5678
9
10
+25 C
+85 C
-40 C
TUNING VOLTAGE (VOLTS)
40
90
140
190
240
290
340
+25 C
+85 C
-40 C
0
123
456
7
89
10
TUNING VOLTAGE (VOLTS)
0
1
2
3
4
5
6
7
8
+25 C
+85 C
-40 C
0
123
456
7
89
10
TUNING VOLTAGE (VOLTS)
-120
-110
-100
-90
-80
-70
02
46
8
10
10 KHz Offset
100 KHz Offset
TUNING VOLTAGE (VOLTS)
-150
-125
-100
-75
-50
-25
0
10
3
10
4
10
5
10
6
10
7
+25 C
+85 C
- 40 C
OFFSET FREQUENCY (Hz)
MMIC VCO w/ BUFFER
AMPLIFIER, 4.45 - 5.0 GHz
v02.0805
HMC429LP4 / 429LP4E
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com