Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC431LP4 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC431LP4
Description  MMIC VCO w/ BUFFER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC431LP4 Datasheet(HTML) 1 Page - Analog Devices

  HMC431LP4 Datasheet HTML 1Page - Analog Devices HMC431LP4 Datasheet HTML 2Page - Analog Devices HMC431LP4 Datasheet HTML 3Page - Analog Devices HMC431LP4 Datasheet HTML 4Page - Analog Devices HMC431LP4 Datasheet HTML 5Page - Analog Devices HMC431LP4 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
11
11 - 84
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
General Description
Features
Functional Diagram
The HMC431LP4 & HMC431LP4E are GaAs InGaP
Heterojunction Bipolar Transistor (HBT) MMIC VCOs
with
integrated
resonators,
negative
resistance
devices, varactor diodes, and buffer amplifiers. The
VCO’s phase noise performance is excellent over
temperature, shock, vibration and process due to the
oscillator’s monolithic structure.
Power output is 2
dBm typical from a 3V supply voltage. The voltage
controlled oscillator is packaged in a low cost leadless
QFN 4 x 4 mm surface mount package.
Pout: +2 dBm
Phase Noise: -102 dBc/Hz @100 kHz
No External Resonator Needed
Single Supply: 3V @ 27 mA
16mm2 Leadless SMT Package
Typical Applications
Low noise MMIC VCO w/Buffer Amplifier
for C-Band applications such as:
• 802.11a & HiperLAN WLAN
• VSAT Radios
• UNII & Point-to-Point Radios
Electrical Specifications, T
A = +25° C, Vcc = +3V
Parameter
Min.
Typ.
Max.
Units
Frequency Range
5.5 - 6.1
GHz
Power Output
-1
2
dBm
SSB Phase Noise @ 100 kHz Offset, Vtune= +5V @ RF Output
-102
dBc/Hz
Tune Voltage (Vtune)
0
10
V
Supply Current (Icc) (Vcc= 3.0V)
27
mA
Tune Port Leakage Current
10
μA
Output Return Loss
6dB
Harmonics
2nd
3rd
-15
-30
dBc
dBc
Pulling (into a 2.0:1 VSWR)
9MHz pp
Pushing @ Vtune= +5V
12
MHz/V
Frequency Drift Rate
0.8
MHz/°C
MMIC VCO w/ BUFFER
AMPLIFIER, 5.5 - 6.1 GHz
v04.1106
HMC431LP4 / 431LP4E
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC431LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC431LP4 HITTITE-HMC431LP4 Datasheet
237Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 5.5 - 6.1 GHz
HMC431LP4 HITTITE-HMC431LP4 Datasheet
232Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 5.5 - 6.1 GHz
HMC431LP4 HITTITE-HMC431LP4 Datasheet
303Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 5.5 - 6.1 GHz
HMC431LP4 HITTITE-HMC431LP4 Datasheet
303Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 5.5 - 6.1 GHz
HMC431LP4E HITTITE-HMC431LP4E Datasheet
232Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 5.5 - 6.1 GHz
More results

Similar Description - HMC431LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC358MS8G HITTITE-HMC358MS8G Datasheet
185Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 5.8 - 6.8 GHz
HMC385LP4 HITTITE-HMC385LP4 Datasheet
269Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 2.25 - 2.5 GHz
HMC384LP4 HITTITE-HMC384LP4_06 Datasheet
314Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 2.05 - 2.25 GHz
HMC358MS8G HITTITE-HMC358MS8G_08 Datasheet
202Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 5.8 - 6.8 GHz
HMC385LP4 HITTITE-HMC385LP4_08 Datasheet
245Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 2.25 - 2.5 GHz
HMC391LP4 HITTITE-HMC391LP4_09 Datasheet
238Kb / 4P
MMIC VCO w/ BUFFER AMPLIFIER, 3.9 - 4.45 GHz
HMC430LP4 HITTITE-HMC430LP4_08 Datasheet
231Kb / 6P
MMIC VCO w/ BUFFER AMPLIFIER, 5.0 - 5.5 GHz
HMC532LP4 HITTITE-HMC532LP4_09 Datasheet
202Kb / 4P
MMIC VCO w/ BUFFER AMPLIFIER, 7.1 - 7.9 GHz
logo
Analog Devices
HMC586LC4B AD-HMC586LC4B Datasheet
280Kb / 6P
WIDEBAND MMIC VCO w/ BUFFER
HMC733LC4B AD-HMC733LC4B Datasheet
318Kb / 6P
WIDEBAND MMIC VCO w/ BUFFER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com