Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC704LP4E Datasheet(PDF) 43 Page - Analog Devices

Part # HMC704LP4E
Description  8 GHZ FRACTIONAL-N PLL
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC704LP4E Datasheet(HTML) 43 Page - Analog Devices

Back Button HMC704LP4E Datasheet HTML 36Page - Analog Devices HMC704LP4E Datasheet HTML 37Page - Analog Devices HMC704LP4E Datasheet HTML 38Page - Analog Devices HMC704LP4E Datasheet HTML 39Page - Analog Devices HMC704LP4E Datasheet HTML 40Page - Analog Devices HMC704LP4E Datasheet HTML 41Page - Analog Devices HMC704LP4E Datasheet HTML 42Page - Analog Devices HMC704LP4E Datasheet HTML 43Page - Analog Devices HMC704LP4E Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 43 / 44 page
background image
5 - 43
HMC704LP4E
v04.0215
8 GHZ FRACTIONAL-N PLL
For price, delivery and to place orders: Analog Devices, Inc., One Technology Way, Norwood, MA 02062
978-250-3343 tel • 978-250-3373 fax • Order online at www.analog.com/hittitemw
Application support: Phone: 978-250-3343 or RFMG-apps@analog.com
Table 25. Reg 0Ch Exact Frequency Register
BIT
TYPE
NAME
W
DEFLT
DEsCRIPTION
[13:0]
R/W
Number of Channels per Fpd
14
0
Comparison Frequency divided by the channel spacing. Must be an
integer. Frequencies at multiples of the channel spacing will have
zero frequency error. Only works in modulator Mode B. Must be 0
otherwise
0: Disabled
1: Disabled
2 to 16383d (3FFFh) allowed
Table 26. Reg 0Fh GPO Register
BIT
TYPE
NAME
W
DEFLT
DEsCRIPTION
[4:0]
R/W
gpo_select
5
1
signal selected here is output to sDO pin when enabled
0. Data from Reg0F[5]
1. Lock Detect Output
2. Lock Detect Trigger
3: Lock Detect Window Output
4: Ring Osc Test
5. Pullup Hard from CsP
6. PullDN hard from CsP
7. Reserved
8: Reference Buffer Output
9: Ref Divider Output
10. VCO divider Output
11. Modulator Clock from VCO divider
12. Auxiliary Clock
13. Aux sPI Clock
14. Aux sPI Enable
15. Aux sPI Data Out
16. PD DN
17. PD UP
18. sD3 Clock Delay
19. sD3 Core Clock
20. Autostrobe Integer Write
21. Autostrobe Frac Write
22. Autostrobe Aux sPI
23. sPI Latch Enable
24. VCO Divider sync Reset
25. seed Load strobe
26.-29 Not Used
30. sPI Output Buffer En
31. soft RsTB
[5]
R/W
GPO Test Data
1
0
1 - GPO Test Data when GPO_select = 0
[6]
R/W
Prevent Automux sDO
1
0
1- inhibits Automux of the sPI sDO line with Lock Detect
[7]
R/W
Prevent Driver Disable
1
0
1- Prevents sPI from disabling sDO. should be 1 if using HMC sPI
mode.
[8]
R/W
Disable PFET
1
0
Disable PFET
[9]
R/W
Disable NFET
1
0
Disable NFET
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com