Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDB-N Datasheet(PDF) 7 Page - ETAL Group

Part # PDB-N
Description  Modular power distribution system for short circuit current limited DC -48 V / DC -60 V applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

PDB-N Datasheet(HTML) 7 Page - ETAL Group

Back Button PDB-N Datasheet HTML 3Page - ETAL Group PDB-N Datasheet HTML 4Page - ETAL Group PDB-N Datasheet HTML 5Page - ETAL Group PDB-N Datasheet HTML 6Page - ETAL Group PDB-N Datasheet HTML 7Page - ETAL Group PDB-N Datasheet HTML 8Page - ETAL Group PDB-N Datasheet HTML 9Page - ETAL Group PDB-N Datasheet HTML 10Page - ETAL Group PDB-N Datasheet HTML 11Page - ETAL Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
www.e-t-a.de
7
ESX300S for ControlPlex® Rack
1623
7
ESX300S for ControlPlex® Rack
105
18.9
111.8
12
98.8
104.2
BUS
LOAD (-)
Minus (-) LINE
Plus (+)
ON /
OFF
FAULT
(red)
OK
(green)
Bus / Si
1LINE (–)
2
11 +
14
12
LOAD (–)
Si / address
Si / Bus
... times rated current
max.
min.
Ik
1000 s
100 s
10 s
1 s
0,00 s
0,1 s
0,01 s
1,00
1,10
1,20
1,30
1,40
1,50
Dimensions
Schematic diagram
Connection diagram (pin assignment)
Time/current characteristics
l
The electronic current limitation typically begins
in at 1.2 x IN. This means: under all overload
conditions (independent of power supply and load
circuit resistance)
typically 1.2 times rated cur-
rent is applied until disconnection. The trip time
varies between 10 ms and 30 s depending on the
multiple of the current rating.
l
Without the current limitation getting into effect
at typically 1.2 x IN there would be a much higher
overcurrent in the event of an overload or short
circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com