Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK1707SLFTR Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # MK1707SLFTR
Description  Low EMI Clock Generator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK1707SLFTR Datasheet(HTML) 2 Page - Integrated Circuit Systems

  MK1707SLFTR Datasheet HTML 1Page - Integrated Circuit Systems MK1707SLFTR Datasheet HTML 2Page - Integrated Circuit Systems MK1707SLFTR Datasheet HTML 3Page - Integrated Circuit Systems MK1707SLFTR Datasheet HTML 4Page - Integrated Circuit Systems MK1707SLFTR Datasheet HTML 5Page - Integrated Circuit Systems MK1707SLFTR Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Low EMI Clock Generator
MDS 1707 G
2
Revision 032204
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
MK1707
Pin Assignment
Spread Direction and Percentage
Select Table
0 = connect to GND
M = unconnected (floating)
1 = connect directly to VDD
Pin Descriptions
ICLK
VDD
GND
S1
CLK
S0
LEE
SD
1
2
3
4
8
7
6
5
8 pin (150 mil) SOIC
SD
Pin 8
S1
Pin 7
S0
Pin 6
Spread
Direction
Spread
Percentage (%)
00
0Down
0.6
00
MDown
0.8
00
1Down
1.25
0M
0
Down Center
+0.5, -1.5
0M
MDown
2
0M
1
Down Center
+0.5, -2.5
01
0
Down Center
+0.5, -3
01
MDown
5
01
1
Power Down
-
10
0
Center
±0.35
10
M
Center
±0.5
10
1
Center
±0.7
1M
0
Center
±0.8
1M
M
Center
±1.1
1M
1
Center
±1.4
11
0
Test
Test
11
M
Center
±2.5
11
1
Power Down
-
Pin
Number
Pin
Name
Pin Type
Pin Description
1
ICLK
Input
Connect to graphics input clock.
2
VDD
Power
Connect to +3.3 V.
3
GND
Power
Connect to ground.
4
CLK
Output
Spread spectrum clock output per table above.
5
LEE
Input
Low EMI enable. Turns on spread spectrum when high. Internal pull-up resistor.
6
S0
Input
Function select 0 input. Selects spread amount and direction per table above.
Internal mid-level.
7
S1
Input
Function select 1input. Selects spread amount and direction per table above.
Internal mid-level.
8
SD
Input
Spread direction select input. Selects the direction of spread per table above.
Internal pull-up resistor.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com