Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1206C104F3GACTU Datasheet(PDF) 17 Page - Kemet Corporation

Part # C1206C104F3GACTU
Description  C0G Dielectric, 10 ??200 VDC (Commercial Grade)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1206C104F3GACTU Datasheet(HTML) 17 Page - Kemet Corporation

Back Button C1206C104F3GACTU Datasheet HTML 11Page - Kemet Corporation C1206C104F3GACTU Datasheet HTML 12Page - Kemet Corporation C1206C104F3GACTU Datasheet HTML 13Page - Kemet Corporation C1206C104F3GACTU Datasheet HTML 14Page - Kemet Corporation C1206C104F3GACTU Datasheet HTML 15Page - Kemet Corporation C1206C104F3GACTU Datasheet HTML 16Page - Kemet Corporation C1206C104F3GACTU Datasheet HTML 17Page - Kemet Corporation C1206C104F3GACTU Datasheet HTML 18Page - Kemet Corporation C1206C104F3GACTU Datasheet HTML 19Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1003_C0G • 4/30/2014 17
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) – C0G Dielectric, 10 – 200 VDC (Commercial Grade)
Figure 7 – Tape Leader & Trailer Dimensions
Trailer
160 mm Minimum
Carrier Tape
END
START
Round Sprocket Holes
Elongated Sprocket Holes
(32 mm tape and wider)
Top Cover Tape
Top Cover Tape
Punched Carrier
8 mm & 12 mm only
Embossed Carrier
Components
100 mm
Minimum Leader
400 mm Minimum
Figure 8 – Maximum Camber
Carrier Tape
Round Sprocket Holes
1 mm Maximum, either direction
Straight Edge
250 mm
Elongated sprocket holes
(32 mm & wider tapes)
Bulk Cassette Packaging (Ceramic Chips Only)
Meets Dimensional Requirements IEC–286 and EIAJ 7201
Unit mm *Reference
110 ± 0.7
5 0*
10*
53 3*
3.0 ± 00.2
2.0 ± 0.1
0
1.5 ± 00.1
Capacitor Dimensions for Bulk Cassette
Cassette Packaging – Millimeters
EIA Size
Code
Metric Size
Code
L Length
W Width
B Bandwidth
S Separation
Minimum
T Thickness
Number of
Pieces/Cassette
0402
1005
1.0 ±0.05
0.5 ±0.05
0.2 to 0.4
0.3
0.5 ±0.05
50,000
0603
1608
1.6 ±0.07
0.8 ±0.07
0.2 to 0.5
0.7
0.8 ±0.07
15,000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com